Electronic Components Datasheet Search
  English  ▼

X  

XT2116 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # XT2116
Description  Fast Turn-on Asymmetric Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

XT2116 Datasheet(HTML) 1 Page - Dynex Semiconductor

  XT2116 Datasheet HTML 1Page - Dynex Semiconductor XT2116 Datasheet HTML 2Page - Dynex Semiconductor XT2116 Datasheet HTML 3Page - Dynex Semiconductor XT2116 Datasheet HTML 4Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XT2116
1/4
APPLICATIONS
s Pulse Modulators
s Laser Diode Triggering
s Capacitor Discharge Applications
FEATURES
s The XT2116 is Asymmetrical Thyristor in which the
reverse voltage capability has been sacrificed to enable a
high forward blocking characteristic combined with
excellent turn-on performance.
s Designed for rapid and efficient switching of high
current pulses.
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
1600V
I
T(AV)
50A
I
TSM
800A
dIdt
2000A/
µs
dV/dt
300V/
µs
t
on
350ns
100
120
120
140
160
XT2116 - 1601
XT2116 - 1401
XT2116 - 1201
XT2116 - 1001
XT2116 - 801
Repetitive Peak Voltage
1600
1400
1200
1000
800
Type Number
Max. Rise Time
t
r
(T
case = 25˚C)
ns
Outline type code: SO28.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load, T
case = 80
oC50
A
T
case = 80
oC79
A
T
case = 85
oC68
A
V
DRM
V
< 2
< 2
< 2
< 2
< 2
V
RRM*
V
Peak Working Voltages
1600
1400
1200
1000
800
V
DWM
V
< 2
< 2
< 2
< 2
< 2
V
RWM*
V
XT2116
Fast Turn-on Asymmetric Thyristor
Advance Information
Replaces March 1998 version, DS4674-2.2
DS4674-3.0 January 2000


Similar Part No. - XT2116

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XT210F KEXIN-XT210F Datasheet
1Mb / 2P
Schottky Bridge
XT210S KEXIN-XT210S Datasheet
1Mb / 2P
Schottky Bridge
logo
Yuechung International ...
XT214 YIC-XT214 Datasheet
351Kb / 1P
XT214 Series
More results

Similar Description - XT2116

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
Fast Turn-on Asymmetric Thyristor
ACR400SE DYNEX-ACR400SE Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
Fast Turn-off Asymmetric Thyristor
MAS110S DYNEX-MAS110S Datasheet
67Kb / 9P
Fast Turn-off Asymmetric Thyristor/Diode Module
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
Fast turn-off asymmetric thyristor
logo
ABB
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
Asymmetric Gate turn-off Thyristor
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA30J4502 ABB-5SGA30J4502 Datasheet
365Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
Fast Turn-on Asymmetric Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com