Electronic Components Datasheet Search
  English  ▼

X  

OFP321 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # OFP321
Description  Open Pluggable Specification (OPS) compliance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OFP321 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  OFP321 Datasheet HTML 1Page - Axiomtek Co., Ltd. OFP321 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
607
Optional EOS Installation
Windows
® 7 Embbeded
OPS830
Intel
® Atom™ Cedarview Open Pluggable
Specification (OPS) Digital Signage Player
● Open Pluggable Specification (OPS) compliance
● Built-in Intel
® Atom™ processor D2550
● DDR3-1066 SO-DIMM max. up to 2 GB
● PCIe Mini Card supported
● Easy maintenance: pluggable HDD and easy-to-change DRAM
● VGA connector
Specifications
Ordering Information
Dimensions
Main System
CPU
Intel
® Atom™ D2550 processor
Chipset
Intel
® NM10
System Memory 1 x 204-pin DDR3-1066 SO-DIMM max.
up to 2 GB
Storage
1 x 2.5" SATA HDD tray
BIOS
AMI UEFI BIOS
Watchdog Timer 255 levels, 1 ~ 255 sec.
I/O
2 x USB 2.0
1 x 10/100/1000Mbps Ethernet
1 x VGA
1 x power on/off button
1 x reset button
1 x Audio (Line-out/ Mic-in)
1 x DVI/HDMI (via OPS JAE interconnector)
1 x DisplayPort (via OPS JAE interconnector) (Pure DP)
3 x USB 2.0 (via OPS JAE interconnector)
1 x Audio (Line-out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector)
Indicator
1 x LED for system power ON
1 x LED for HDD active
WiFi
Supports 802.11 b/g/n (optional)
Expansion Slot
1 x PCI Express Mini Card
Dimensions
200 mm (7.87") (W) x 119 mm (4.68") (D) x 30 mm (1.18") (H)
Packing Dimensions
270 mm (10.63") (W) x 197 mm (7.76") (D) x 70 mm (2.76") (H)
Weight (net/gross)
1 kg (2.21lb)/1.5 kg (3.31lb)
Environmental
0°C ~ +45°C (+32°F ~ +113°F) (With airflow 0.7 m/s)
Standard
OPS830-D2550
OPS digital signage player supports Intel
® Atom™
processor D2550
Optional
OFP320
31.5" full HD digital signage display
OFP321
31.5" LED backlight full HD digital signage display
AX93157
OPS docking board
Features
OPS
Rear view
1. 2.5” HDD Slot
2. USB 2.0 x 2
3. Ethernet
4. VGA
5. Power switch
6. Reset
7. Audio (Line-out)
8. Audio (Mic-in)
9. Power indicator
10. HDD indicator
11. JAE TX-25
12. WiFi antenna (optional)
8
5
3
2
4
6
7
10
1
12
9
Optional OS Installation
Windows
® 7
Packing
1 x driver CD
1 x HDD mylar x 1
1 x thermal grease
1 x thermal pad
2 x M3 x 4 screw
2 x M4 x 6 screw
DDR3
DDR3
DDR3
11


Similar Part No. - OFP321

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OFP321 AXIOMTEK-OFP321 Datasheet
219Kb / 1P
Interactive IR touchscreen solution
More results

Similar Description - OFP321

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS875 AXIOMTEK-OPS875 Datasheet
321Kb / 1P
Open Pluggable Specification (OPS) compliance
OPS880 AXIOMTEK-OPS880 Datasheet
318Kb / 1P
Open Pluggable Specification (OPS) compliance
OPS500-501 AXIOMTEK-OPS500-501 Datasheet
291Kb / 1P
IntelR Open Pluggable Specification (OPS compliance)
OPS830-D2550-RC-NP AXIOMTEK-OPS830-D2550-RC-NP Datasheet
242Kb / 2P
Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
OPS870-HM AXIOMTEK-OPS870-HM_17 Datasheet
286Kb / 1P
Open Pluggable Specification (OPS) compliance
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
Open Pluggable Specification-Plus (OPS) Digital Signage Player
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com