Electronic Components Datasheet Search
  English  ▼

X  

15KP Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 15KP
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

15KP Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  15KP Datasheet HTML 1Page - EIC discrete Semiconductors 15KP Datasheet HTML 2Page - EIC discrete Semiconductors 15KP Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15KP SERIES
TRANSIENT VOLTAGE
SUPPRESSOR
VR : 12 - 240 Volts
PPK : 15,000 Watts
FEATURES :
* Excellent Clamping Capability
* Fast Response Time
* Low Zener Impedance
* Low Leakage Current
MECHANICAL DATA
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 2.73 grams
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10X1000
µs, see Fig.1 )
PPK
15,000
Watts
Steady State Power Dissipation
PD
7.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
This pulse is a standard test waveform used for protection devices.
Fig. 1
UPDATE : AUGUST 16, 2001
IFSM
200
Amps.
T1 x 1.25 = 10
µs
1000
µs
0.1 IPP
0.5 IPP
0.9 IPP
IPP
(Peak Value)
Time
0.053 (1.35)
0.050 (1.27)
0.250 (6.4)
0.235 (6.0)
AR - L
Dimensions in inches and ( millimeter )
1.00 (25.4)
MIN.
0.410 (10.4)
0.380 (9.7)


Similar Part No. - 15KP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
15KP NJSEMI-15KP Datasheet
481Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
15KP DGNJDZ-15KP Datasheet
2Mb / 3P
15000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 15KP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com