Electronic Components Datasheet Search
  English  ▼

X  

AP-UM256MN20CS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-UM256MN20CS
Description  USB-Disk Module?좵lus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM256MN20CS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-UM256MN20CS Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-UM256MN20CS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
USB-Disk ModuleⅡ
Ⅱ
Ⅱ
ⅡPlus
AP-UMxxxxXXXXX-XXXXX
8
© 2011 Apacer Technology, Inc.
Rev. 1.1
4. Capacity Specifications
The USB-Disk Module product family is available as below table matrix.
Table 4-1: Capacity Specification
Density
Total Bytes
256MB
254,509,056
512 MB
512,458,752
1GB
1,028,358,144
2GB
2,060,156,928
4GB
4,120,920,064
8GB
8,248,131,584
4.1 Functional Specifications
Table 4-2: Performance Specifications
Capacity
Performance
256 MB
512 MB / 1 GB
2 GB
4 GB
8 GB
Sustained read (MB/s)
15
25
25
30
25
Sustained write (MB/s)
9
10
15
25
20
4.2 Environmental Specifications
Environmental specification of the USB-Disk Module (UDM) product family which follows the MIL-STD-
810F standards is available as shown in Table 4-2.
Table 4-2: Environmental Specifications
Operation
0°C to 70°C (Std.); -40°C to 85°C (Ext. Temp.)
Temperature
Storage
-40°C to 100°C
Vibration
10 Hz to 500 Hz, 15G, 3 axes, 30 minutes (IEC 68-2-6)
Shock
Duration: 11 ms, 50G, 3 axes, 18 times (IEC 68-2-27)
EMC
FCC, CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com