Electronic Components Datasheet Search
  English  ▼

X  

XT2116-801 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # XT2116-801
Description  Fast Turn-on Asymmetric Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

XT2116-801 Datasheet(HTML) 2 Page - Dynex Semiconductor

  XT2116-801 Datasheet HTML 1Page - Dynex Semiconductor XT2116-801 Datasheet HTML 2Page - Dynex Semiconductor XT2116-801 Datasheet HTML 3Page - Dynex Semiconductor XT2116-801 Datasheet HTML 4Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XT2116
2/4
SURGE RATINGS
Conditions
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
3200
A2s
800
A
10ms half sine; T
case = 125
oC
THERMAL AND MECHANICAL DATA
Conditions
Min.
Max.
Units
Thermal resistance - junction to case
R
th(j-c)
Symbol
Parameter
d.c.
-
0.35
oC/W
Mounting torque 3.5Nm
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.25
-
oC/W
T
vj
Virtual junction temperature
On-state (conducting)
-
125
oC
T
stg
Storage temperature range
-
3.5*
-55
125
oC
Mounting torque
4.0
Nm
DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At I
T = 100A
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM
Half sine wave of 2
µs, T
j = 125˚C
Gate source 20V, 10
Ω. t
r = 160ns
dV/dt
Maximum linear rate of rise of off-state voltage
T
j = 125
oC, To V
DRM, RGK = 47Ω
Typ.
Max.
Units
-V
-
10/10
mA
-
300
V/
µs
-
2000
A/
µs
Rate of rise of on-state current
dI/dt
Latching current
-
I
L
45
-
mA
I
H
Holding current
-
t
d
Delay time
V
D = 400V, gate source = 500mA, tr = 50ns
35
-
mA
-
250
ns
I
T = 25A, VRM = 0V, VDR = VDWM, Tcase =120˚C,
R
GK = 47Ω, dV/dt = 100V/µs.
µs
120†
-
Circuit commutated turn-off time
t
q
2.0
† Available to 10
µs.
T
case
= 25˚C unless otherwise stated.
* Recommended value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com