Electronic Components Datasheet Search
  English  ▼

X  

BY133G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BY133G
Description  GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BY133G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BY133G Datasheet HTML 1Page - EIC discrete Semiconductors BY133G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001G - 1N4007G
GLASS PASSIVATED JUNCTION
BY133G
SILICON RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
1N
4001G
1N
4002G
1N
4003G
1N
4004G
1N
4005G
1N
4006G
1N
4007G
BY
133G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1300
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
910
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1300
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length Ta = 75
°C
IF(AV)
1.0
Amp.
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
30
Amps.
Maximum Forward Voltage at IF = 1.0 Amp.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
8
pF
Typical Thermal Resistance (Note2)
R
θJA
45
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
UPDATE : MAY 27, 1998
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - BY133G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BY133G GOOD-ARK-BY133G Datasheet
171Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
BY133G SEMTECH_ELEC-BY133G Datasheet
198Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
SynSemi, Inc.
BY133G SYNSEMI-BY133G Datasheet
37Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
BY133G EIC-BY133G Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY133G TAYCHIPST-BY133G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
More results

Similar Description - BY133G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N4001G SYNSEMI-1N4001G Datasheet
37Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5391G SYNSEMI-1N5391G Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5400G SYNSEMI-1N5400G Datasheet
36Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
DR200G EIC-DR200G_05 Datasheet
3Mb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N3611 EIC-1N3611 Datasheet
82Kb / 1P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5391G EIC-1N5391G_05 Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5400G EIC-1N5400G_05 Datasheet
44Kb / 2P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5614 EIC-1N5614 Datasheet
125Kb / 1P
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com