Electronic Components Datasheet Search
  English  ▼

X  

MRF154 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MRF154
Description  Broadband RF Power MOSFET 600W, to 80MHz, 50V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF154 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MRF154 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Broadband RF Power MOSFET
600W, to 80MHz, 50V
M/A-COM Products
Released - Rev. 07.07
MRF154
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
CIRCUIT CONSIDERATIONS
At high power levels (500 W and up), the circuit layout
becomes critical due to the low impedance levels and high
RF currents associated with the output matching. Some of
the components, such as capacitors and inductors must
also withstand these currents. The component losses are
directly proportional to the operating frequency. The manu-
facturers
specifications on capacitor ratings should be consulted on
these aspects prior to design.
Push–pull circuits are less critical in general, since the
ground referenced RF loops are practically eliminated, and
the impedance levels are higher for a given power output.
High power broadband transformers are also easier to de-
sign than comparable LC matching networks.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com