Electronic Components Datasheet Search
  English  ▼

X  

AB40 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AB40
Description  AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AB40 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AB40 Datasheet HTML 1Page - EIC discrete Semiconductors AB40 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB40 - AB380/C 1000G
AVALANCHE GLASS
PASSIVATED BRIDGE RECTIFIERS
PRV : 100 - 900 Volts
Io : 1.0 Amperes
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AB40-
C1000G
AB80-
C1000G
AB125-
C1000G
AB250-
C1000G
AB380-
C1000G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
300
600
900
Volts
Maximum RMS Input Voltage R+C -Load
VRMS
40
80
125
250
380
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
600
900
Volts
Minimum Avalanche Breakdown Voltage at 100
µA
VBO(min.)
150
250
350
700
1000
Volts
Maximum Avalanche Breakdown Voltage at 100
µA
VBO(max.)
600
700
800
1150
1450
Volts
Maximum Average Forward Current For
Free Air Operation at Tc = 45
°C R+L -Load
IF(AV)
1.2
Amps.
C -Load
1.0
Peak Forward Surge Current Single half sine wave
on rated load (JEDEC Method) at TJ = 125
°C
IFSM
40
Amps.
Rating for fusing at TJ = 125
°C ( t < 100 ms.)
I
2
t
10
A
2
S
Maximum Series Resistor C-Load VRMS =
± 10%
Rt
1.0
2.0
4.0
8.0
12.0
Ω
Maximum load Capacitance
+ 50%
-10%
CL
5000
2500
1000
500
200
µF
Maximum Forward Voltage per Diode at IF = 1.0 Amp.
VF
1.0
Volts
Maximum Reverse Current at Rated Repetitive
Peak Voltage per Diode
Ta = 25
°C
IR
10
µA
Typical Thermal Resistance (Note 1)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 125
°C
Storage Temperature Range
TSTG
- 50 to + 125
°C
Notes :
1 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board with, 0.22" x 0.22" (5.5 x 5.5 mm)
copper Pads.
UPDATE : JUNE 19,1998
RATING
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)


Similar Part No. - AB40

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AB40-C1000G EIC-AB40-C1000G Datasheet
85Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1500RG EIC-AB40-C1500RG Datasheet
54Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Assmann Electronics Inc...
AB401-R ASSMANN-AB401-R Datasheet
170Kb / 1P
DB9 Male - MINI DIN 6PIN Female
AB401K-R ASSMANN-AB401K-R Datasheet
83Kb / 1P
MINI DIN 6 FRMALE
AB405K-R ASSMANN-AB405K-R Datasheet
84Kb / 1P
MD 6M - DB 9M
More results

Similar Description - AB40

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
A2W005G EIC-A2W005G Datasheet
18Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AW005G EIC-AW005G Datasheet
17Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AWL005G EIC-AWL005G Datasheet
17Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1500RG EIC-AB40-C1500RG Datasheet
54Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40 EIC-AB40_05 Datasheet
85Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AW005G EIC-AW005G_05 Datasheet
71Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
A2W005G EIC-A2W005G_05 Datasheet
70Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AWL005G EIC-AWL005G_05 Datasheet
70Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com