Electronic Components Datasheet Search
  English  ▼

X  

MRF175LU Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF175LU
Description  The RF MOSFET Line 100W, 400MHz, 28V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF175LU Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF175LU Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF175LU Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
The RF MOSFET Line
100W, 400MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF175LU
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
Designed for broadband commercial and military applications using single
ended circuits at frequencies to 400 MHz. The high power, high gain and
broadband performance of each device makes possible solid state trans-
mitters for FM broadcast or TV channel frequency bands.
N-Channel enhancement mode
•
Guaranteed performance
•
MRF175LU @ 28 V, 400 MHz (“U” Suffix)
Output power — 100 W
Power gain — 10 dB typ
Efficiency — 55% typ
•
100% ruggedness tested at rated output power
•
Low thermal resistance
•
Low Crss — 20 pF Typ @ VDS = 28 V
CASE 333–04, STYLE 2


Similar Part No. - MRF175LU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_15 Datasheet
238Kb / 7P
The RF MOSFET Line
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results

Similar Description - MRF175LU

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com