Electronic Components Datasheet Search
  English  ▼

X  

MB966 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB966
Description  1x Mini PCI-E slot (mSATA compatible)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB966 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB966 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Network Appliances
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
26
Intel® Core™ i7/i5/i3 / Xeon® / Pentium®
Networking Motherboard w/ Intel® 3450 PCH
Features
● Supports Intel® Xeon® / CoreTM i7/i5/i3 / Pentium®
processors, up to 3.06 GHz
● 4x DDR3 DIMM, Max. 16GB
● 6x Intel® Gigabit LAN, LAN 1/2 & 3/4 Bypass
● Watchdog timer
● 2x USB 2.0, 1x COM, 3x SATA II
● 1x CF socket
● 1x Mini PCI-E slot (mSATA compatible)
USB
RJ-45
Console
CF Socket
SATA II
ATX Power
DDR3
DIMM
Mini PCI-E
Intel® 3450
PCH Chipset
LGA1156
Socket
System
CPU
Intel® Xeon® / CoreTM i7/i5/i3 / Pentium® G6950
processor, up to 3.06 GHz
System Memory
4x DDR3 DIMM, Max. 16GB (supports ECC Xeon® 3400
only)
System Chipset
Intel® 3450 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
CF socket
H/W Monitor
Yes
Expansion Slots
1x Mini PCI-E (mSATA compatible)
Graphics
VGA Controller
Intel® CoreTM i5 / Pentium® integrated
VGA Memory
Shared memory up to 224MB
Display Interface
Via pin header
LAN
Controller
1x Intel® 82578DM GbE PHY w/iAMT 6.0 support
6x Intel® 82574L GbE
Bypass
LAN 1/2 & 3/4 bypass
Connector
7x RJ-45 on board
Multi I/O
I/O Chipset
3450 PCH, W83627DHG
COM1 by pin header
KB/Mouse by pin header
Hardware monitor (3 thermal inputs, 4 voltage monitor
inputs & 4 fan headers)
USB
2 ports on board (USB 2.0) / pin header 2 ports
Mechanical and Environmental
Dimensions
355.6mm x 206mm (14” X 8.11”)
Max. Power
Requirement
Intel® CoreTM i5-660 @3.33GHz w/ DDR3-1333 2GB
+3.3V: 2.1A
+5V: 2.48A
+12V: 1.8A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB966
LGA1156 3450 Networking Motherboard w/ 6 GbE
LAN, LAN 1/2 & 3/4 Bypass, 3x SATA II
IP327
Riser card for MB966 w/ 1x PCI-E(x8) slots
IP328
PCI-E adapter card for MB966
IP329
2-to-2 PCI-e expansion, MB966
VGA4
VGA cable
PS2G
PS/2 keyboard and mouse cable
USB2-7
Dual port USB2.0 cable, 300mm
MB966
4
USB
2
COM
3
SATA II
7
GbE LAN
Network Motherboards


Similar Part No. - MB966

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
F2MC-16FX,16-bit Proprietary Microcontroller
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
F2MC-16FX CPU
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
F2MC-16FX 16-Bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
F2MC-16FX CPU
More results

Similar Description - MB966

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60 JAE-MM60 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
logo
Intersil Corporation
ISL6113 INTERSIL-ISL6113 Datasheet
627Kb / 24P
Dual Slot PCI-E Hot Plug Controllers
September 25, 2007
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
List of Unclassifed Man...
MI935 ETC2-MI935 Datasheet
1Mb / 1P
10/100BaseT or PCI-E Gigabit LAN, optional 1x PCI-E Gigabit LAN
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
Compatible With PCI Express Mini Card
logo
AAEON Technology
EMB-BT2 AAEON-EMB-BT2 Datasheet
339Kb / 2P
full-size mini-card with msata
logo
Axiomtek Co., Ltd.
CEB94008 AXIOMTEK-CEB94008_15 Datasheet
276Kb / 1P
One Mini PCI Express card slot
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
Dual Slot PCI-E Hot Plug Controllers
logo
Apacer Technology Inc.
MSATA-MINI-H1 APACER-MSATA-MINI-H1 Datasheet
1Mb / 4P
SATA3.0 SSDs: the mSATA mini H1
logo
Coolgear Inc.
CGS-1PCIE4X COOLGEAR-CGS-1PCIE4X Datasheet
517Kb / 2P
1 Port PCI-e to 4X PCI Slot Expansion Enclosure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com