Electronic Components Datasheet Search
  English  ▼

X  

ABR1502 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # ABR1502
Description  AVALANCHE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ABR1502 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  ABR1502 Datasheet HTML 1Page - EIC discrete Semiconductors ABR1502 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABR1500 - ABR1510
AVALANCHE BRIDGE
RECTIFIERS
PRV : 50 - 1000 Volts
Io : 15 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* ldeal for printed circuit board
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally
mounted in the bridge encapsulation
* Epoxy : UL94V-O rate flame retardant
* Terminals : plated .25" (6.35 mm). Faston
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink with
silicone thermal compound between bridge
and mounting surface for maximum heat
transfer efficiency.
* Weight : 17.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
ABR
1500
ABR
1501
ABR
1502
ABR
1504
ABR
1506
ABR
1508
ABR
1510
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Minimum Avalanche Breakdown Voltage at 100
µA
VBO(min.)
100
150
250
450
700
900
1100
Volts
Maximum Avalanche Breakdown Voltage at 100
µA
VBO(max.)
550
600
700
900
1150
1350
1550
Volts
Maximum Average Forward Current Tc = 50
°C
IF(AV)
15
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
300
Amps.
Rating for fusing at ( t < 8.3 ms. )
I
2
t
375
A
2S
Maximum Forward Voltage per Diode at IF = 7.5 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance ( Note 1 )
RθJC
1.9
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Thermal resistance from Junction to case with units mounted on a 5" x 4" x 3" (12.7cm.x 10.2cm.x 7.3cm.) Al.-Finned Plate.
UPDATE : APRIL 21, 1998
RATING
Metal Heatsink
Dimensions in inches and ( millimeters )
BR50
φ
0.728(18.50)
0.688(17.40)
0.570(14.50)
0.530(13.40)
0.685(16.70)
0.618(15.70)
1.130(28.70)
1.120(28.40)
0.210(5.30)
0.200(5.10)
0.658(16.70)
0.618(15.70)
0.032(0.81)
0.028(0.71)
0.252(6.40)
0.248(6.30)
0.905(23.0)
0.826(21.0)
0.100(2.50)
0.090(2.30)
0.310(7.87)
0.280(7.11)


Similar Part No. - ABR1502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR1502 EIC-ABR1502 Datasheet
148Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR1502 EIC-ABR1502 Datasheet
86Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
ABR1502W EIC-ABR1502W Datasheet
42Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
More results

Similar Description - ABR1502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR1000 EIC-ABR1000 Datasheet
31Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
AKBP200 EIC-AKBP200 Datasheet
19Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR2500W EIC-ABR2500W Datasheet
43Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR3500W EIC-ABR3500W Datasheet
41Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR5000W EIC-ABR5000W Datasheet
41Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
logo
Semikron International
SKBAB500C1500 SEMIKRON-SKBAB500C1500 Datasheet
279Kb / 3P
Avalanche Bridge Rectifiers
logo
EIC discrete Semiconduc...
AKBLP200 EIC-AKBLP200 Datasheet
103Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR5000 EIC-ABR5000_05 Datasheet
66Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR800 EIC-ABR800_5 Datasheet
45Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
ABR2500 EIC-ABR2500_V01 Datasheet
80Kb / 2P
AVALANCHE BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com