Electronic Components Datasheet Search
  English  ▼

X  

MB980VF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB980VF
Description  10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB980VF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB980VF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-32
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Dimensions Drawing
MB980
System
CPU
LGA1150 for 4th Generation Intel® CoreTM i7/i5/i3/
Pentium® / Celeron® processors, up to 3.4GHz
System Memory
4x DDR3 DIMM, Max. 32GB (Non-ECC)
System Chipset
Intel® Q87 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slot
4x PCI, 1xPCI-E(x16), 1xPCI-E(x4), 1xPCI-E(x1)
Graphics
VGA Controller
4th Generation Intel® CoreTM i7/i5/i3/ Pentium®
processor integrated
VGA Memory
Max. Shared memory – 1024MB
Display Interface
Supports DVI-I, DVI-D and DisplayPort
LAN
Controller
Intel® I217LM Gigabit LAN PHY
Intel® I211AT PCI-E Gigabit LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81866AD-I
1x RS232/422/485 (jumperless selection)
5x RS232, 6x SATAIII
USB
2 ports on board, 8 ports via pin-header (USB 2.0)
4 ports on board (USB 3.0)
Audio
Intel® Q87 PCH built-in HD audio + Realtek
ALC892 codec
Others
Digital I/O (4-in/4-out), EuP/ErP supporting, RAID,
TPM (1.2), iAMT (9.0), iSMART
Mechanical and Environmental
Dimensions
305mm x 244mm (12“ x 9.6“)
Max. Power
Requirement
Intel® Core™ i7-4770 3.10 GHz
w/ 2x 4GB DDR3-1333
+3.3V: 0.72 A +5V: 1.07 A
+5Vsb: 0.08 A +12V: 4.98 A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB980VF
LGA1150 Q87 ATX Motherboard w/ DVI-I, DVI-D,
DisplayPort, dual Gigabit LAN, RAID, EuP/ErP compliant,
iAMT (9.0), vPro, iSMART
LGA1150 4th Generation Intel® Core™ i7/i5/i3/Pentium® ATX
Motherboard w/ Intel® Q87 PCH
Features
● 4th Generation Intel® CoreTM i7/i5/i3 /
Pentium® / Celeron® processors, up to 3.4GHz
● 4x DDR3 DIMM, Max. 32GB
● Intel® Processor integrated graphics device,
supports DVI-I,DVI-D and DisplayPort
● Dual Intel® Gigabit LAN
● 10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
● 4x PCI, 1x PCI-E(x16), 1x PCI-E(x4), 1xPCI-E(x1)
● Watchdog timer, Digital I/O, iAMT (9.0), vPro,
iSMART
10
USB(2.0)
6
COM
4
USB(3.0)
6
SATA III
2
GbE LAN
PCI Slots
COM ports
USB 2.0
PCI-E(x16)
PCI-E(x1)
PCI-E(x4)
LGA1150 CPU
Socket
ATX Power
DDR3 DIMM
Sockets
SATA III
Intel® Q87
Chipset
ATX Motherboard
COM1/2
Audio
Dual GbE
USB (3.0)
USB(2.0)
DVI-D
DP
DVI-I
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - MB980VF

ManufacturerPart #DatasheetDescription
logo
GREATECS
MB9 GREATECS-MB9 Datasheet
126Kb / 2P
Right Angle Halogen-Free Double Action Switches
logo
fujitsu semiconductor
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
MB90050PF FUJITSU-MB90050PF Datasheet
743Kb / 41P
On-Screen Display Controller
MB90075 FUJITSU-MB90075 Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
MB90075-P-SH FUJITSU-MB90075-P-SH Datasheet
1Mb / 42P
ON-SCRREN DISPLAY CONTROLLER FOR NTSC/PAL
More results

Similar Description - MB980VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
List of Unclassifed Man...
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
IB827 ETC2-IB827 Datasheet
1Mb / 1P
6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
Axiomtek Co., Ltd.
P1177E-842 AXIOMTEK-P1177E-842 Datasheet
381Kb / 2P
1 USB 3.0, 3 USB 2.0 and 4 COM ports
logo
Tripp Lite. All Rights ...
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
FIBOX Enclosing innovat...
3530016 FIBOX-3530016 Datasheet
49Kb / 1P
Size 2 6x PG164x PG21
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com