Electronic Components Datasheet Search
  English  ▼

X  

MI910 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI910
Description  Supports CRT, LVDS, optional DVI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI910 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI910 Datasheet HTML 1Page - List of Unclassifed Manufacturers MI910 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For user’s manual & datasheet download, visit www.ibase.com.tw
1-21
Features
● Supports Intel® Core™2 Duo / Celeron® processors, 533MHz/800MHz FSB
● 2x DDR2 DIMM, Max. 4GB
● Supports CRT, LVDS, optional DVI
● Gigabit LAN or dual Gigabit LAN
● 2x SATA II, 6x USB 2.0, 2x COM, 1394
● Watchdog timer, Digital I/O
● 1x Mini PCI, 1x PCI, 1x PCI-E(x1)
Specifications
CPU Socket
Socket P for Intel® Core™2 Duo / Celeron®
System Memory
2x DDR2 DIMM, 533/667MHz, Max. 4GB
System Chipset
Intel® GME965 + ICH8M, 533MHz/800MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
CF socket (solder side)
H/W Monitor
Yes
Expansion Slots
1x PCI, 1x PCI-E(x1), 1x Mini PCI
VGA Controller
Intel® GME965 built-in Graphics Media Accelerator X3100
supports CRT and LVDS
VGA Memory
Supports DVMT 4.0; Max. shared memory - 384MB
Display Interface
Supports CRT and 24-bit dual channel LVDS,
optional DVI
LAN Controller
Intel® 82566DM Gigabit LAN
Marvell 88E8053 PCI-E Gigabit LAN (MI910EF*)
* MI910EF supports dual Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627EHG
1x IDE, 1x FDD, 1x KB, 1x mouse
1x RS-232, 1x RS232/422/485, 2x SATA II
USB
4 ports on board, 2 ports via pin header
Audio
Intel® ICH8M built-in Intel® High Definition audio + AC97 codec
(ALC885) with 7.1 Channels
Others
IrDA, 1394, Digital I/O (4-in/4-out)
Dimensions
170mm x 170mm (6.7“ x 6.7“)
Max. Power Requirement
Intel® Core™ 2 Duo 2.0GHz
w/ 2x 1GB DDR2
+3.3V: 1.53A
+5V: 4.70A
+5VSB: 0.29A
+12V: 2.19A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
MI910E
Socket P GME965 Mini-ITX M/B with VGA, 1394, CF socket, Intel®
Gigabit LAN
MI910EF
SSocket P GME965 Mini-ITX M/B with VGA, 1394, CF socket, Intel®
Gigabit LAN and Marvell PCI-E Gigabit LAN
Socket P Intel® Core™2 Duo Mini-ITX
Motherboard w/ Intel® GME965 Chipset
MI910
Intel® Core™2 Duo-Based
Mini PCI
SATA II
DDR2 Sockets
Socket P
Intel®
GME965
Chipset
PS/2
KB/Mouse
COM/VGA
RJ-45/USB
1394
SPDIF
USB
Digital I/O
Audio
SDVO Port
FDD
PCI Slot
PCI-E(x1)
ATX Power
USB
COM2
CD In
LVDS
6
USB
2
COM
2
SATA II
2
Gbe LAN


Similar Part No. - MI910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI912 ETC2-MI912 Datasheet
1Mb / 1P
2x DDR2 SO-DIMM, Max. 8GB
MI912EF ETC2-MI912EF Datasheet
1Mb / 1P
2x DDR2 SO-DIMM, Max. 8GB
More results

Similar Description - MI910

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-213 ADVANTECH-AIMB-213 Datasheet
1Mb / 2P
Intel짰 Atom??N455/D525 Mini-ITX with CRT/DVI/LVDS, 6 COM, and Dual LAN
PCM-261 ADVANTECH-PCM-261_12 Datasheet
805Kb / 1P
LVDS/TTL to DVI Module
logo
List of Unclassifed Man...
MI945 ETC2-MI945 Datasheet
528Kb / 1P
Integrated VGA for CRT & LVDS
MI956 ETC2-MI956 Datasheet
745Kb / 1P
Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
logo
Axiomtek Co., Ltd.
AX93221 AXIOMTEK-AX93221_17 Datasheet
288Kb / 1P
LVDS to DVI-D Converter
logo
Vecow Co., Ltd.
ARS-2010 VECOW-ARS-2010 Datasheet
431Kb / 2P
Supports DVI-I and DVI-D dual HD displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com