Electronic Components Datasheet Search
  English  ▼

X  

MI956AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI956AF
Description  Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI956AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI956AF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-15
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Dimensions Drawing
Mini-ITX motherboard
Features
● Supports 2nd/3rd Generation Intel® CoreTM i7/i5/i3 /
Celeron® QC/DC processors, up to 2.7GHz
● 2x DDR3 SO-DIMM, Max. 16GB
● Integrated VGA, supports DVI-I/DVI-D/LVDS/HDMI
● Dual Gigabit LAN
● 8x USB 2.0, 2x USB 3.0, 4x COM, 4x SATA II,
2x SATA III
● 1x PCI-E(x16), 1x Mini PCI-E(x1)
● Watchdog timer, Digital I/O
System
CPU
rPGA988B for 2nd/3rdGeneration Intel® CoreTM i7/
i5/i3/ Celeron® QC/ DC processors, up to 2.7GHz
System Memory
2x DDR3 SO-DIMM, Max. 16GB (Non-ECC)
System Chipset
Intel® QM67 PCH
BIOS
AMI BIOS
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
1x PCI-E(x16), 1x Mini PCI-E(x1)
Graphics
VGA Controller
Intel® CoreTM i7/i5/i3/ Celeron® processors
integrated graphics Gen 5.75
VGA Memory
Max. Shared Memory - 1024 MB
Display Interface
Supports 24-bit dual channel LVDS, DVI-I, DVI-D,
HDMI (supports HDCP)
LAN
Controller
MI956AF: Intel® 82579LM
MI956F: Intel® 82579VGigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81865-I
3x RS232, 1x RS-232/422/485, 4x SATA II,
2x SATA III
USB
4 ports on board, 4 ports via pin-header (USB 2.0)
2 ports on board (USB 3.0)
Audio
Intel® QM67 built-in HD audio w/ Realtek ALC892
for 7.1 CH
Others
Digital I/O (4-in/4-out), ATX power connector,
EuP/ErP compliant
Mechanical and Environmental
Dimensions
170mm x 170mm (6.7” x 6.7”)
Max. Power
Requirement
Intel® Core™ i5-2510E 2.5GHz
w/ 2x 2GB DDR3-1333
+3.3V: 1.33A
+5V: 0.97A
+12V: 2.18A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MI956F
rPGA988B QM67 Mini-ITX motherboard w/ DVI-I, DVI-D,
HDMI, dual Gigabit LAN, EuP/ErP compliant
MI956AF
rPGA988B QM67 Mini-ITX motherboard w/ DVI-I, DVI-D,
HDMI, dual Gigabit LAN, iAMT (7.0), RAID
rPGA988B 2nd/3rd Generation Intel® CoreTM i7/i5/i3/ Celeron®
Mini-ITX Motherboard w/ Intel® QM67 PCH
MI956
COM
HDMI
DVI-I
Audio
USB(3.0)
DVI-D
LVDS
DDR3
SO-DIMM Sockets
Mini PCI-E(x1)
PCI-E (x16)
SATA III
SATA II
LCD Backlight Control
4
USB(3.0)
8
USB(2.0)
4
COM
2
SATA III
4
SATA III
2
Gbe LAN
USB 2.0
Dual GbE


Similar Part No. - MI956AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI95 ETC2-MI95 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
MI950AF ETC2-MI950AF Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
MI950F ETC2-MI950F Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
MI950GF ETC2-MI950GF Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
More results

Similar Description - MI956AF

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
DVI-I for VGA and DVI-D display output
logo
List of Unclassifed Man...
MB950 ETC2-MB950 Datasheet
707Kb / 1P
Supports dual independent display; DVI-D/ VGA
MI910 ETC2-MI910 Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
logo
AAEON Technology
BOXER-6651-A1M-1010 AAEON-BOXER-6651-A1M-1010 Datasheet
216Kb / 2P
VGA DVI-D output
logo
Tripp Lite. All Rights ...
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
logo
Vecow Co., Ltd.
ARS-2010 VECOW-ARS-2010 Datasheet
431Kb / 2P
Supports DVI-I and DVI-D dual HD displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com