Electronic Components Datasheet Search
  English  ▼

X  

MI970F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI970F
Description  2x DDR3 SO-DIMM, Max. 16GB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI970F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI970F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-13
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Mini-ITX Motherboard
4
USB(3.0)
6
USB(2.0)
4
COM
2
SATA III
4
SATA II
2
Gbe LAN
System
CPU Socket
rPGA988B for 3rd Generation Intel® mobile
CoreTM i7/i5/i3 / Celeron® QC/ DC processors
System Memory
2x DDR3 SO-DIMM, Max. 16GB (Non-ECC)
System Chipset
Intel® QM77 PCH (MI970VF) / HM76 PCH (MI970F)
BIOS
AMI
Watchdog Timer
256 levels
SSD
1x mSATA via Mini PCI-E (Full-Size)
H/W Monitor
Yes
Expansion Slots
1x PCI-E(x16)
2x Mini PCI-E(x1) - w/ USB signal (1x half-size,
1x full-size)
Graphics
VGA Controller
Intel® CoreTM i7/i5/i3 / Celeron® integrated
graphics, supports CRT, DVI, DisplayPort, LVDS
VGA Memory
Max. Shared memory – 1024MB
Display Interface
Supports 24-bit dual channel LVDS, DVI-I, DVI-D,
DisplayPort
LAN
Controller
Intel® 82579LM(MI970VF) / 82579V(MI970F)
Gigabit LAN PHY, Intel® 82583V PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81846AD-I
3x RS232, 1x RS-232/422/485, 4x SATA II,
2x SATA III
USB
4 ports on board, 2 ports via pin-header (USB 2.0)
2 ports on board, 2 ports via pin-header (USB3.0)
Audio
Intel® QM77/HM76 PCH built-in HD audio
controller+ ALC892 w/ 7.1 channels
Others
Digital I/O (4-in/4-out), ATX power connector,
iSMART support
Mechanical and Environmental
Dimensions
170mm x 170mm (6.7” x 6.7”)
Max. Power
Requirement
3rd Generation Intel® Core™ i3-3120ME 2.40GHz
w/ 2x 2GB DDR3-1333
+3.3V: 0.79A +5V: 1.27A
+12V: 2.10A +5Vsb: 0.06A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MI970VF
Intel® QM77 Mini-ITX motherboard w/ DVI-I, DVI-D,
DisplayPort, dual Gigabit LAN, iAMT(8.0) ,TPM 1.2,
vPro, iSMART
MI970F
Intel® HM76 Mini-ITX motherboard w/ DVI-I, DVI-D,
DisplayPort, dual Gigabit LAN, EuP/ErP compliant,
iSMART
LVDS
DDR3
SO-DIMM
Sockets
Mini PCI-E(x1)
PCI-E (x16)
SATA III
SATA II
Features
● Supports 3rd Generation Intel® CoreTM i7/i5/i3 /
Celeron® QC/DC processors
● 2x DDR3 SO-DIMM, Max. 16GB
● iSMART - for EuP/ErP power saving,
auto-scheduler and power resume
● Integrated VGA, supports DVI-I/ DVI-D/ LVDS/
DisplayPort
● 2x Intel® PCI-E Gigabit LAN
● Watchdog timer, Digital I/O, TPM 1.2
● 6x USB 2.0, 4x USB 3.0, 4x COM, 4x SATA II,
2x SATA III
● 1x PCI-E(x16), 2x Mini PCI-E(x1)
VGA
Audio
Dual GbE
USB3.0
USB2.0
DisplayPort
DVI-I
DVI-D
rPGA988B 3rd Generation Intel® Core™ i7/i5/i3/Celeron®
Mini-ITX Motherboard w/ Intel® QM77 PCH
MI970
Dimensions Drawing
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - MI970F

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MI90N03 VBSEMI-MI90N03 Datasheet
1,002Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
MI910 ETC2-MI910 Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
MI910E ETC2-MI910E Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
MI910EF ETC2-MI910EF Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
MI912 ETC2-MI912 Datasheet
1Mb / 1P
2x DDR2 SO-DIMM, Max. 8GB
More results

Similar Description - MI970F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
2GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
8GB DDR3 SDRAM SO-DIMM
logo
List of Unclassifed Man...
MI95 ETC2-MI95 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI912 ETC2-MI912 Datasheet
1Mb / 1P
2x DDR2 SO-DIMM, Max. 8GB
SI-58 ETC2-SI-58 Datasheet
490Kb / 1P
Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
MB837-D25 ETC2-MB837-D25 Datasheet
593Kb / 1P
1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
logo
Axiomtek Co., Ltd.
OPS860 AXIOMTEK-OPS860_16 Datasheet
238Kb / 1P
DDR3-1333 SO-DIMM max. up to 8 GB
OPS860-HM AXIOMTEK-OPS860-HM_16 Datasheet
286Kb / 1P
DDR3-1333 SO-DIMM max. up to 4 GB
OPS871 AXIOMTEK-OPS871_16 Datasheet
240Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
OPS871-HM AXIOMTEK-OPS871-HM_16 Datasheet
293Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com