Electronic Components Datasheet Search
  English  ▼

X  

SCS521J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS521J
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS521J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS521J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS521J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS521J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SCS521J
0.1A , 30V
Surface Mount Schottky Barrier Rectifiers
31-Mar-2014 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Surface Mounting Type
Low Reverse Current and Low Forward Voltage
High Reliability
MECHANICAL DATA
Case: SOD-923, Molded Plastic
Polarity: See Diagrams Below
Mounting position: Any
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-923
8K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
DC Reverse Voltage
VR
30
V
Mean rectifying current
IO
100
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
500
mA
Maximum Instantaneous Forward Voltage @ IF=10mA
VF
0.35
V
Maximum DC Reverse Current @ VR=10V
IR
10
μA
Power Dissipation
PD
150
mW
Thermal Resistance Junction-Ambient
RθJA
520
°C / W
Operating Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-40~150
°C
F
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
D
0.75
0.85
B
0.55
0.65
E
0.15
0.25
C
0.34
0.43
F
0.07
0.17
E
F
B
C
D
A
SOD-923


Similar Part No. - SCS521J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521J SECOS-SCS521J_15 Datasheet
419Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS521J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com