Electronic Components Datasheet Search
  English  ▼

X  

AR3501 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AR3501
Description  AUTOMOTIVE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AR3501 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AR3501 Datasheet HTML 1Page - EIC discrete Semiconductors AR3501 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR3500 - AR3512
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1200 Volts
Io : 35 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight :
1.84 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AR
3500
AR
3501
AR
3502
AR
3504
AR
3506
AR
3508
AR
3510
MR
2512
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1200
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1200
Volts
Average Rectified Forward Current Tc = 150
°C
IF(AV)
35
Amps.
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
IFSM
400
Amps.
Maximum Forward Voltage at IF = 35 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Thermal Resistance (Note 1)
R
θJC
1.0
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Marking Code
Note : (1) Thermal resistance from junction to case. Single side cooled.
UPDATE : OCTOBER 19, 2000
RATING
Dimensions in inches and (millimeter)
0.410 (10.4)
0.380 (9.70)
0.185 (4.7)
0.165 (4.2)
0.250 (6.4)
0.235 (6.0)
0.225 (5.7)
0.215 (5.5)
5
° NOM


Similar Part No. - AR3501

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
AR3501 GOOD-ARK-AR3501 Datasheet
48Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Yangzhou yangjie electr...
AR3501 YANGJIE-AR3501 Datasheet
751Kb / 2P
35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
AR3501 EIC-AR3501 Datasheet
72Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
Gaomi Xinghe Electronic...
AR3501 GXELECTRONICS-AR3501 Datasheet
509Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
New Jersey Semi-Conduct...
AR3501 NJSEMI-AR3501 Datasheet
89Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - AR3501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
AR2500L NJSEMI-AR2500L Datasheet
82Kb / 1P
AUTOMOTIVE RECTIFIER DIODES
AR2500 NJSEMI-AR2500 Datasheet
78Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com