Electronic Components Datasheet Search
  English  ▼

X  

SSN3139K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN3139K
Description  P Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN3139K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSN3139K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN3139K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN3139K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSN3139K
-0.66 A, -20 V, RDS(ON) 520 m
P Channel Enhancement MOSFET
12-Mar-2014 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low on-resistance
Fast switching speed
Drive circuits can be simple
Parallel use is easy
Low voltage drive makes this device ideal for
portable equipment
APPLICATION
Interfacing
Switching
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-723
8K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±
6
V
Continuous Drain Current
1
ID
-0.66
A
Pulsed Drain Current (tp=10μs)
IDM
-1.2
A
Total Power Dissipation
1
PD
150
mW
Thermal Resistance Junction-ambient
1
RθJA
833
°C / W
Lead Temperature for Soldering Purposes
(1/8” from case for 10S)
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
Surface mounted on FR4 board using the minimum recommended pad size
SOT-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.
KD
 GATE
 SOURCE
 DRAIN
Top View


Similar Part No. - SSN3139K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSN3139K-C SECOS-SSN3139K-C Datasheet
504Kb / 4P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K_15 Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
More results

Similar Description - SSN3139K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2337DS KEXIN-SI2337DS Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com