Electronic Components Datasheet Search
  English  ▼

X  

AW005G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AW005G
Description  AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AW005G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AW005G Datasheet HTML 1Page - EIC discrete Semiconductors AW005G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AW005G - AW10G
AVALANCHE GLASS PASSIVATED
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AW
005G
AW
01G
AW
02G
AW
04G
AW
06G
AW
08G
AW
10G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Minimum Avalanche Breakdown Voltage at 100
µA
VBO(min.)
100
150
250
450
700
900
1100
Volts
Maximum Avalanche Breakdown Voltage at 100
µA
VBO(max.)
550
600
700
900
1150
1350
1550
Volts
Maximum Average Forward Current
0.375" (9.5 mm) lead length
Tc = 25
°C
IF(AV)
1.5
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
50
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2t
10
A
2S
Maximum Forward Voltage per Diode at IF = 1.0 Amp.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Typical Junction Capacitance per Diode (Note 1)
CJ
24
pf
Typical Thermal Resistance (Note 2)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board mounting.
UPDATE : APRIL 23,1998
RATING
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)


Similar Part No. - AW005G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AW005G EIC-AW005G Datasheet
71Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AW005G EIC-AW005G_05 Datasheet
71Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AW005G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
A2W005G EIC-A2W005G Datasheet
18Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40 EIC-AB40 Datasheet
22Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AWL005G EIC-AWL005G Datasheet
17Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1500RG EIC-AB40-C1500RG Datasheet
54Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40 EIC-AB40_05 Datasheet
85Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AW005G EIC-AW005G_05 Datasheet
71Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
A2W005G EIC-A2W005G_05 Datasheet
70Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AWL005G EIC-AWL005G_05 Datasheet
70Kb / 2P
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com