Electronic Components Datasheet Search
  English  ▼

X  

SI-06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI-06
Description  iSMART - for EuP/ErP power saving, autoscheduler and power resume
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI-06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
12
Features
● iSMART - for EuP/ErP power saving, autoscheduler
and power resume
● Onboard Intel® Atom™ Processor D2550
(Low power consumption)
● Intel® GMA 3650 integrated graphics
1x DDR3 1066MHz SO-DIMMMax. 4GB
● 2x Mini PCI-E(x1) slot expansion slot
for mSATA, Wi-Fi, 3G or TV tuner options
● Fanless and compact design
Entry-Level, Fanless Signage Player, with Intel® Atom™ Processor D2550
and Intel® GMA 3650 Integrated Graphics
SI-06
System Mainboard IB901
CPU Type
Intel® Atom™ Processor D2550
CPU Package
FCBGA559
Chipset
Intel® NM10
Memory
1x 204-pin SO-DIMM socket, support DDR3 1066MHz with
unbuffered and non-ECC memory module, Max. 4GB
Graphics
Intel® GMA 3650 integrated graphic engine
LAN
1x Realtek RTL8111E PCI-E Gigabit LAN controller
Expansion Slots
1x Mini PCI-E(x1) slot for mSATA, Wi-Fi, Bluetooth, 3G Wireless
and TV tuner options
I/O Interface
2x USB 2.0 ports
1x RJ45 for Gigabit LAN
1x RJ45 for RS232
1x Hybrid-DVI (VGA/ DVI/ HDMI with audio)
1x Microjack audio connector for speaker
Power LED / HDD LED, power on/off button
12V DC-in power connector
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
On / Off scheduler: 2 time slots
Power
Requirement
+12V DC-in
Construction
Aluminum + SGCC
Weight
1.26KG (2.77lbs)
Chassis Color
Black & White
Storage
1x 2.5” HDD drive bay
1x mSATA
Power Supply
40W power adaptor
Mounting
Slim design with wall mounting holes
Dimensions
166mm(W) x 102mm(D) x 34mm(H)
6.54”(W) x 4.02”(D) x 1.34”(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
SSD: 5 grms / 5~500Hz / random operation
HDD: 0.25 grms / 5~500Hz / random operation
Certification
CE, FCC, UL, CCC
SI-06
Signage Player with 2GB RAM, 320GB HDD, 40W
power adaptor
SI-06M
Signage Player without RAM, HDD, with 40W
power adaptor
SI-MK1
Mounting bracket for SI-06/08/12/18/22 series
Ordering Information
Specifications
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
Dimensions
166
34
102
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - SI-06

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
SI-050505-KKK-YS001 AIO-SI-050505-KKK-YS001 Datasheet
446Kb / 3P
M12 - T,Y&I Adapters
SI-050505-ZZZ-YS001 AIO-SI-050505-ZZZ-YS001 Datasheet
446Kb / 3P
M12 - T,Y&I Adapters
logo
List of Unclassifed Man...
SI-08 ETC2-SI-08 Datasheet
539Kb / 1P
iSMART - for auto-scheduler and power resume
SI-08M ETC2-SI-08M Datasheet
539Kb / 1P
iSMART - for auto-scheduler and power resume
More results

Similar Description - SI-06

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
Power Saving STOP and WAIT Modes
logo
List of Unclassifed Man...
MB970 ETC2-MB970 Datasheet
856Kb / 1P
iSMART - for EuP/ErP power saving
MI961 ETC2-MI961 Datasheet
569Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
SI-08 ETC2-SI-08 Datasheet
539Kb / 1P
iSMART - for auto-scheduler and power resume
AFB100-D27 ETC2-AFB100-D27 Datasheet
1Mb / 1P
iSMART - for auto-scheduler and power resume
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB965 ETC2-IB965 Datasheet
822Kb / 2P
24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
logo
ALPS ELECTRIC CO.,LTD.
SDKR ALPS-SDKR_15 Datasheet
839Kb / 3P
For power resume in main power auto shut down, compact and composite type suitable for AC and DC
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
low Standby Power, ErP conform
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com