Electronic Components Datasheet Search
  English  ▼

X  

SI-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI-08
Description  iSMART - for auto-scheduler and power resume
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
For user’s manual & datasheet download, visit www.ibase.com.tw
13
Dimensions
Features
● iSMART - for auto-scheduler and power resume
● AMD Embedded G-Series APU (Dual-Core)
● Integrated 80 Core DirectX 11 GPU in processor
● 1x Hybrid-DVI (supports CRT, DVI or HDMI)
● 1x DDR3 1333MHz SO-DIMM, Max. 4GB
● Mini PCI-E(x1) slot for Wi-Fi + Bluetooth option
● One RS232 serial port
● Fanless and compact design
Entry-Level, Fanless Signage Player, with AMD G-Series 1.65GHz
Dual-Core APU and RadeonTM 6320 Graphics
SI-08
System Mainboard
EB900-16C-SI
CPU Type
AMD G-Series Dual-Core APU (T56N=1.65GHz @ 18W TDP)
CPU Package
413-BGA
Chipset
AMD A50M
Memory
DDR3 1333MHz SO-DIMM memory, Max. 4GB
Graphics
AMD Radeon HD6320 series graphics processing system
integrated in APU: DirectX 11, Direct Compute 11, Open GL
4.0, OpenCL 1.1, UVD3 Hardware Video Decoder – MPEG2,
MPEG4, H.264, VC-1, WMV9, Hybrid-DVI connector supporting
CRT, DVI, or HDMI devices
LAN
1x Realtek RTL8111C PCI-E Gigabit LAN controller
Expansion Slots
1x Mini PCI-E(x1) for Wi-Fi Bluetooth options
I/O Interface
1x Hybrid-DVI (VGA/ DVI/ HDMI with audio)
2x USB 2.0 ports
1x RJ45 for Gigabit LAN
1x RJ45 for RS232 serial port
1x Microjack audio connectors for Line-in or Line-out
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
On / Off scheduler: 2 time slots
Power
Requirement
+12V DC-in
Construction
Aluminum + SGCC
Weight
1.3Kg (2.86lbs)
Chassis Color
Black & White
Storage
1x 2.5" HDD drive bay
Power Supply
60W power adaptor
Mounting
Slim design with wall mounting holes
Dimensions
200mm(W) x 150mm(D) x 34.8mm(H)
7.87”(W) x 5.91”(D) x 1.37”(H)
Operating
Temperature
0°C~ 40°C (32°F~104°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
SSD: 5 grms / 5~500Hz / random operation
HDD: 0.25 grms / 5~500Hz / random operation
Certification
CE, FCC
SI-08
Signage Player with AMD T56N APU 1.65GHz, 2GB
RAM, 320GB HDD, 60W power adaptor
SI-08M
Signage Player with AMD T56N APU 1.65GHz, without
RAM, HDD, with 60W power adaptor
SI-MK1
Mounting bracket for SI-06/08/12/18/22 series
Ordering Information
Specifications
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
4.00
180.40
200
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - SI-08

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
SI-050505-KKK-YS001 AIO-SI-050505-KKK-YS001 Datasheet
446Kb / 3P
M12 - T,Y&I Adapters
SI-050505-ZZZ-YS001 AIO-SI-050505-ZZZ-YS001 Datasheet
446Kb / 3P
M12 - T,Y&I Adapters
logo
List of Unclassifed Man...
SI-06 ETC2-SI-06 Datasheet
452Kb / 1P
iSMART - for EuP/ErP power saving, autoscheduler and power resume
SI-06M ETC2-SI-06M Datasheet
452Kb / 1P
iSMART - for EuP/ErP power saving, autoscheduler and power resume
More results

Similar Description - SI-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7862CD ETC1-TH7862CD Datasheet
735Kb / 6P
TABLEAU RESUME DES DTC MATRICIELS
MB961 ETC2-MB961 Datasheet
838Kb / 1P
Watchdog timer, Digital I/O, iSMART
MB970 ETC2-MB970 Datasheet
856Kb / 1P
iSMART - for EuP/ErP power saving
MI961 ETC2-MI961 Datasheet
569Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
SI-06 ETC2-SI-06 Datasheet
452Kb / 1P
iSMART - for EuP/ErP power saving, autoscheduler and power resume
AFB100-D27 ETC2-AFB100-D27 Datasheet
1Mb / 1P
iSMART - for auto-scheduler and power resume
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB965 ETC2-IB965 Datasheet
822Kb / 2P
24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
logo
ALPS ELECTRIC CO.,LTD.
SDKR ALPS-SDKR_15 Datasheet
839Kb / 3P
For power resume in main power auto shut down, compact and composite type suitable for AC and DC
logo
Texas Instruments
TMS29F040 TI1-TMS29F040_08 Datasheet
480Kb / 37P
Erase-Suspend/Erase-Resume Operation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com