Electronic Components Datasheet Search
  English  ▼

X  

SI-58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI-58
Description  Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI-58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
For user’s manual & datasheet download, visit www.ibase.com.tw
23
Features
● iSMART - for auto-scheduler and power resume
● Supports up to six display outputs
● Discrete AMD Radeon E6760 graphics processors
(480 processing elements) with 1024MB GDDR5-
1600 graphics memory
● Supports 2nd/3rd Generation Intel® Core™ i processor
● Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
● Expresscard slot and dual mPCIe(x1) slots
● Two RS232 serial ports
● Slim and Segregated flow ventilation design
Extreme Performance, Six HDMI Signage Player, with 2nd/3rd Gen.
Intel® Core™ i Processor and AMD RadeonTM E6760 Graphics
SI-58
System Mainboard
IB958-58
CPU Type
2nd/3rd Generation Intel® Core™ i7/i5/i3 Mobile Processors
CPU Package
FCPGA988
Chipset
Intel® QM67
Memory
Supports 2x DDR3 1333MHz SO-DIMM memory,
Max. 16GB
Graphics
• AMD RadeonTM E6760 GPU (480 Cores @ 600 MHz;
31W) with 1024MB GDDR5-1600 (57.6 GB/s)
• 128-bit wide, 1.DirectX®11GB GDDR5, 51.2 GB/s
• DirectX®11, Shader 5.0, OpenGL 4.1 capable
• UVD3 video & display engines for HD, Blu-ray & 3D
LAN
1x Intel® 82579LM Gigabit LAN controller (with iAMT 7.0)
1x Intel® 82579V Gigabit LAN controller
Expansion Slots
2x Mini PCI-E(x1) for Wi-Fi, Bluetooth, TV tuner options
1x Expresscard slot for 3G module
I/O Interface
6x HDMI ports (2 with audio output)
3x USB 2.0 ports
2x RJ45 for Gigabit LAN
2x RJ45 for RS232 serial port
2x Microjack audio connectors for Line-in & Line-out
1x Power button
1x Mini Din 12V DC Jack
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
On / Off scheduler: 2 time slots
Power
Requirement
+12V DC-in
Construction
SGCC
Weight
3.1Kg (6.83lbs)
Chassis Color
Black & White
Storage
1x removable 2.5" HDD drive bay
1x mSATA
Power Supply
150W power adaptor
Mounting
Slim design with wall mounting holes
Dimensions
275mm(W) x 275mm(D) x 30mm(H)
10.8”(W) x 10.8”(D) x 1.18”(H)
Operating
Temperature
0°C~ 40°C (32°F~104°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
10~90% @ 45°C, (non-condensing)
Vibration
SSD: 5 grms / 5~500Hz / random operation
HDD: 0.25 grms / 5~500Hz / random operation
Certification
CE, FCC, CCC, UL
SI-58-2510
Signage Player w/ 2nd Generation Intel® Core™ i5
2510E 2.5GHz, w/ AMD E6760 GPU, 4GB RAM, 320GB
HDD, 150W power adaptor
SI-58M
Signage Player w/ AMD E6760 & 150W power
adaptor, w/o CPU/RAM/HDD
SI-MK5
Mounting bracket for SI-56/58 series
Ordering Information
Specifications
Dimensions
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - SI-58

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-50002 BEL-SI-50002 Datasheet
249Kb / 3P
SI-50002
SI-50003 BEL-SI-50003 Datasheet
248Kb / 3P
SI-50003
SI-50004 BEL-SI-50004 Datasheet
290Kb / 4P
SI-50004
SI-50005 BEL-SI-50005 Datasheet
317Kb / 4P
SI-50005
SI-50006 BEL-SI-50006 Datasheet
297Kb / 4P
SI-50006
More results

Similar Description - SI-58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI95 ETC2-MI95 Datasheet
797Kb / 1P
2x DDR3 DIMM, Max. 8GB, supports ECC
MI912 ETC2-MI912 Datasheet
1Mb / 1P
2x DDR2 SO-DIMM, Max. 8GB
MI970 ETC2-MI970 Datasheet
815Kb / 1P
2x DDR3 SO-DIMM, Max. 16GB
MB837-D25 ETC2-MB837-D25 Datasheet
593Kb / 1P
1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
logo
Axiomtek Co., Ltd.
OPS883-H AXIOMTEK-OPS883-H Datasheet
272Kb / 1P
Supports DDR3 SO-DIMM 1600 max. up to 8 GB
OPS860 AXIOMTEK-OPS860_16 Datasheet
238Kb / 1P
DDR3-1333 SO-DIMM max. up to 8 GB
OPS860-HM AXIOMTEK-OPS860-HM_16 Datasheet
286Kb / 1P
DDR3-1333 SO-DIMM max. up to 4 GB
OPS871 AXIOMTEK-OPS871_16 Datasheet
240Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
OPS871-HM AXIOMTEK-OPS871-HM_16 Datasheet
293Kb / 1P
DDR3-1600 SO-DIMM max. up to 8 GB
OPS883-H AXIOMTEK-OPS883-H_16 Datasheet
298Kb / 1P
Supports DDR3-1600 SO-DIMM 1600 max. up to 8 GB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com