Electronic Components Datasheet Search
  English  ▼

X  

SI-83 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI-83
Description  Supported APIs: DX11.1, OpenCL 1.2, OpenGL 4.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI-83 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-83 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
22
SI-83
Mid-Range, Dual DP + HDMI Signage Player,
with 4th Gen. Intel® Core™ processors
Features
● iSMART- for Auto - scheduler and power resume
● iAMT (9.0), vPro and Watchdog timer
● Supports 4th Generation Intel® CoreTM processors
● Integrated Intel® HD 4600 /4400
● Supported APIs: DX11.1, OpenCL 1.2, OpenGL 4.0
● 2x DP 1.2, 1x HDMI 1.4a
● 2x DDR3L-1600 SO-DIMM, Dual channel, Max.16GB
● 1x Mini PCI-E(x1) slot for WiFi + Bluetooth, 3G,and
TV tuner options
● Slim and segregated ventilation design
Ordering Information
System Mainboard
IB983
CPU Type
4th Generation Intel® Core™ i7-4700EQ 2.4GHz
4th Generation Intel® Core™ i5-4400E 2.7GHz
CPU Socket
FCBGA1364 package
Chipset
Intel® QM87
Memory
2x DDR3L-1600 MHz SO-DIMM, Max. 16GB (Non-ECC)
Graphics
Intel® HD 4600 /4400
DX11.1, OpenCL 1.2, OpenGL 4.0
Supports 2x mini DP v1.3, & 1x HDMI 1.4a
MVC HW Encode/Decode, Faster AVC Encode
Full HW MPEG 2 Encode, JPEG/MJPEG HW Decode
Gamut Mapping, Frame Rate Conversion
LAN
1x GbE with Intel® WGI217LM
1x GbE with Realtek RTL8111G-CG
Expansion Slots
1x Mini PCI-E(x1) slot for Wi-Fi + Bluetooth, 3G, and
TV tuner options
I/O Interface
1x HDMI
2x DP
2x USB 3.0 ports, 2x USB 2.0 port
2x RJ45 for GbE LAN, 1x RJ45 for RS232
1x Microjack audio connectors for Audio/Mic
1x Power on/off button
1x Reset button
1x DC jack
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
Power Requirement
+12V DC-in
Construction
Aluminum + SGCC
Weight
1.2Kg (2.65lbs)
Chassis Color
Black & White
Storage
1x mSATA
Power Supply
84W power adaptor
Mounting
Standard system bracket
Dimensions
175mm(W) x 116mm(D) x 32mm(H)
6.9”(W) x 4.6”(D) x 1.18”(H)
Operating
Temperature
0°C ~ 45°C (32°F~113°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
mSATA: 5 grms / 5~500Hz / random operation
Certification
CE, FCC, UL, CCC
SI-83-4700EQ
Digital Signage Player with Intel
® Core™ i7-4700EQ
(2.4GHz), 4GB DDR3 SO-DIMM memory, 64GB
mSATA, 84W power adaptor
SI-83-4400E
Digital Signage Player with Intel
® Core™ i5-4400E
(2.7GHz), 4GB DDR3 SO-DIMM memory, 64GB
mSATA, 84W power adaptor
SI-83-4700EQM
Digital Signage Player with Intel
® Core™ i7-4700EQ
(2.4GHz), with 84W power adaptor, w/o memory,
mSATA
SI-83-4400EM
Digital Signage Player with Intel
® Core™ i5-4400E
(2.7GHz), with 84W power adaptor, w/o memory,
mSATA
SI-MK3
Mounting bracket for SI-24/28/38/62/83 series
Specifications
Dimensions
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
116.2
175
32
32
1.3
32


Similar Part No. - SI-83

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8301 SANKEN-SI-8301 Datasheet
68Kb / 4P
Self Oscillating Switching Type with Coil
SI-8301L SANKEN-SI-8301L Datasheet
64Kb / 6P
Switching Type(Self Oscillation Type with Coil)
SI-8301L SANKEN-SI-8301L Datasheet
68Kb / 4P
Self Oscillating Switching Type with Coil
SI-8303L SANKEN-SI-8303L Datasheet
64Kb / 6P
Switching Type(Self Oscillation Type with Coil)
More results

Similar Description - SI-83

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
TPM supported
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
MANO831 AXIOMTEK-MANO831 Datasheet
274Kb / 1P
TPM 1.2 supported
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
iAMT supported
PICO821 AXIOMTEK-PICO821 Datasheet
255Kb / 1P
LVDS LCD supported
SBC81210 AXIOMTEK-SBC81210 Datasheet
166Kb / 1P
DisplayPort supported
SHB103 AXIOMTEK-SHB103 Datasheet
158Kb / 1P
DisplayPort supported
STX88831 AXIOMTEK-STX88831 Datasheet
246Kb / 1P
SATA-150 supported
logo
SynQor Worldwide Headqu...
AQ0400IUXT SYNQOR-AQ0400IUXT Datasheet
4Mb / 14P
Parallel operation supported
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
TPM Supported (Optional Request), RAID 0,1 Supported
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com