Electronic Components Datasheet Search
  English  ▼

X  

B82422T1122000 Datasheet(PDF) 4 Page - EPCOS

Part # B82422T1122000
Description  Flame-retardant molding
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422T1122000 Datasheet(HTML) 4 Page - EPCOS

  B82422T1122000 Datasheet HTML 1Page - EPCOS B82422T1122000 Datasheet HTML 2Page - EPCOS B82422T1122000 Datasheet HTML 3Page - EPCOS B82422T1122000 Datasheet HTML 4Page - EPCOS B82422T1122000 Datasheet HTML 5Page - EPCOS B82422T1122000 Datasheet HTML 6Page - EPCOS B82422T1122000 Datasheet HTML 7Page - EPCOS B82422T1122000 Datasheet HTML 8Page - EPCOS B82422T1122000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, +20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, +20 °C
Rated temperature TR
+85
qC
Rated current IR
Maximum permissible DC with inductance decrease
'L/L
0 d 10% and temperature increase
of
d 30 K at rated temperature
Self-resonance frequency fres,min
Measured with impedance analyzer Agilent E4991A /
network analyzer Agilent E8362B, +20 °C
DC resistance Rmax
Measured at +20
qC
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245
r5) °C, (5 r0.3) s
Wetting of soldering area
t 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
+260
qC, 40 s (as referenced in JEDEC J-STD 020D)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
d 75% RH
Weight
Approx. 50 mg
B82422T
SMT inductors, SIMID series
SIMID 1210-T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com