Electronic Components Datasheet Search
  English  ▼

X  

BA2903WF Datasheet(PDF) 21 Page - Rohm

Part # BA2903WF
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903WF Datasheet(HTML) 21 Page - Rohm

Back Button BA2903WF Datasheet HTML 17Page - Rohm BA2903WF Datasheet HTML 18Page - Rohm BA2903WF Datasheet HTML 19Page - Rohm BA2903WF Datasheet HTML 20Page - Rohm BA2903WF Datasheet HTML 21Page - Rohm BA2903WF Datasheet HTML 22Page - Rohm BA2903WF Datasheet HTML 23Page - Rohm BA2903WF Datasheet HTML 24Page - Rohm BA2903WF Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
21/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Typical Performance Curves - continued
○BA10393F
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
40
60
80
100
120
140
160
010
20
30
40
Supply Voltage [V]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
60
70
80
90
100
110
120
130
140
010
20
30
40
Supply Voltage [V]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
2V
5V
36V
25℃
85℃
-40℃
2V
5V
36V
-40℃
25℃
85℃
Figure 38.
Large Signal Voltage Gain
vs Supply Voltage
Figure 37.
Input Offset Current vs Ambient Temperature
Figure 40.
Common Mode Rejection Ratio
vs Supply Voltage
Figure 39.
Large Signal Voltage Gain vs Ambient
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com