Electronic Components Datasheet Search
  English  ▼

X  

MAQ3690FE Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MAQ3690FE
Description  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAQ3690FE Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MAQ3690FE Datasheet HTML 12Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 13Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 14Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 15Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 16Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 17Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 18Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 19Page - Dynex Semiconductor MAQ3690FE Datasheet HTML 20Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MA3690/1/3
16/41
Subgroup
Definition
1
Static characteristics specified in Figure 11 at +25
°C
2
Static characteristics specified in Figure 11 at +125
°C
3
Static characteristics specified in Figure 11 at -55
°C
7
Functional characteristics specified at +25
°C
8a
Functional characteristics specified at +125
°C
8b
Functional characteristics specified at -55
°C
9
Switching characteristics specified in Figure 12 at +25
°C
10
Switching characteristics specified in Figure 12 at +125
°C
11
Switching characteristics specified in Figure 12 at -55
°C
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 10: Absolute Maximum Ratings
Total dose radiation not
exceeding 3x10
5 Rad(SI)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
-
4.5
5.0
5.5
V
VIH1
TTL Input High Voltage
-
2.0
-
-
V
VIL1
TTL Input Low Voltage
-
-
-
0.8
V
VIH2
CMOS Input High Voltage
-
3.5
-
-
V
VIL2
CMOS Input Low Voltage
-
-
-
1.5
V
VOH1
TTL Output High Voltage
IOH = -1mA
VDD-0.4
-
-
V
VOL1
TTL Output Low Voltage
IOL = 2mA
-
-
0.4
V
VOH2
CMOS Output High Voltage
IOH = -1mA
VDD-0.4
-
-
V
VOL2
CMOS Output Low Voltage
IOL = 2mA
-
-
0.4
V
IIL1
Input Low Current
VIN = VSS (Note 1)
-
-
-10
µA
IIH1
Input High Current
VIN = VDD (Note 1)
-
-
10
µA
IIL2
Input Low Current (RT1)
VIN = VSS (Note 1)
-
-
-50
µA
IIH2
Input High Current (RT2)
VIN = VDD (Note 1)
50
-
150
µA
IOZL
IO Low Current
VIN = VSS (Note 1)
-
-
-50
µA
IOZH
IO High Current
VIN = VDD (Note 1)
-
-
50
µA
IDD
Power Supply Current
-
-
-
25
mA
VDD = 5V±10%, over full operating temperature range.
Note 1: Guaranteed but not tested at -55
°C
Mil-Std-883, method 5005, subgroups 1, 2, 3
Figure 11: Electrical Characteristics
Figure 9: Definition of Subgroups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com