Electronic Components Datasheet Search
  English  ▼

X  

BYV95C Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYV95C
Description  AVALANCHE FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYV95C Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYV95C Datasheet HTML 1Page - EIC discrete Semiconductors BYV95C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV95A - BYV96E
AVALANCHE FAST RECOVERY
RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 50 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL BYV95A BYV95B BYV95C BYV96D BYV96E UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
Volts
Min. Avalanche Breakdown Voltage @ 100
µA
VBR(min.)
300
500
700
900
1100
Volts
Maximum Average Forward Rectified Current
Lead Length 10 mm. ; Ttp = 65
°C
IF(AV)
1.5
Amps.
Peak Forward Surge Current single half sine wave
superimposed on rated load
IFSM
35
Amps.
Maximum Forward Voltage at IF = 3.0 Amps.
VF
1.6
Volts
Maximum DC Reverse Current
TJ = 25
°C
5.0
at Rated DC Blocking Voltage
TJ = 165
°C
150
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
200
ns
Typical Thermal Resistance (Note 2)
R
θJA
50
°C/W
Junction Temperature Range
TJ
175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
UPDATE : AUGUST 3, 1998
RATING
IR
µA
D2
0.284 (7.21)
0.268 (6.81)
0.161 (4.10)
0.154 (3.90)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - BYV95C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95C PHILIPS-BYV95C Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
General Semiconductor
BYV95C GE-BYV95C Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV95C BILIN-BYV95C Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV95C SYNSEMI-BYV95C Datasheet
33Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYV95C GULFSEMI-BYV95C Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
More results

Similar Description - BYV95C

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV95A SYNSEMI-BYV95A Datasheet
33Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV95A EIC-BYV95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A_V01 Datasheet
353Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
Rev. 05 : June 04, 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com