Electronic Components Datasheet Search
  English  ▼

X  

L4938NND Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4938NND
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938NND Datasheet(HTML) 1 Page - STMicroelectronics

  L4938NND Datasheet HTML 1Page - STMicroelectronics L4938NND Datasheet HTML 2Page - STMicroelectronics L4938NND Datasheet HTML 3Page - STMicroelectronics L4938NND Datasheet HTML 4Page - STMicroelectronics L4938NND Datasheet HTML 5Page - STMicroelectronics L4938NND Datasheet HTML 6Page - STMicroelectronics L4938NND Datasheet HTML 7Page - STMicroelectronics L4938NND Datasheet HTML 8Page - STMicroelectronics L4938NND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
L4938N/ND
L4938NPD
April 1999
DUAL MULTIFUNCTION VOLTAGE REGULATOR
®
.
STANDBY OUTPUT VOLTAGE PRECISION 5V
± 2%
.
OUTPUT 2 TRACKED TO THE STANDBY OUT-
PUT
.
OUTPUT
2
DISABLE
FUNCTION
FOR
STANDBY MODE
.
VERY LOW QUIESCENT CURRENT, LESS
THAN 250
µA, IN STANDBY MODE
.
OUTPUT 2 VOLTAGE SETTABLE FROM 5 TO
20V
.
OUTPUT CURRENTS : I01 = 50mA, I02 = 500mA
.
VERY LOW DROPOUT (max 0.4V/0.6V)
.
OPERATING TRANSIENT SUPPLY VOLTAGE
UP TO 40V
.
POWER-ON RESET CIRCUIT SENSING THE
STANDBY OUTPUT VOLTAGE
.
POWER-ON RESET DELAY PULSE DEFINED
BY THE EXTERNAL CAPACITOR
.
EARLY WARNING OUTPUT FOR SUPPLY UN-
DERVOLTAGE
.
THERMAL SHUTDOWN AND SHORT CIRCUIT
PROTECTIONS
PowerDIP
(12+2+2)
ORDERING NUMBERS: L4938N (PDIP)
L4938ND (SO)
L4938NPD (PSO20)
DESCRIPTION
The L4938N is a monolithic integrated dual voltage
regulators with two very low dropout outputs and ad-
ditional functions such as power-on reset and input
voltage sense. They are designed for supplying mi-
crocomputer controlled systems specially in auto-
motive applications.
PIN CONNECTION (top view)
SO20
(12+4+4)
N.C.
CT
EN
GND
GND
SO
RES
1
3
2
4
5
6
7VO2
GND
VO2
GND
VS2
VS1
SI
16
15
14
13
12
10
11
D95AT156
VO1
8
ADJ
9
POWERDIP
N.C.
C7
EN
GND
GND
GND
GND
RES
SO
VS1
VS2
GND
GND
GND
GND
VO2
VO2
ADJ
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
VO1
SI
D93AT004
SO20
PowerSO20
GND
N.C.
N.C.
VS2
VS1
N.C.
SI
CT
EN
N.C.
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
D95AT169A
N.C.
RESET
VO1
SO
ADJ
VO2
N.C.
GND
PowerSO20
1/12
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
L4938ND STMICROELECTRONICS-L4938ND Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
L4938NPD STMICROELECTRONICS-L4938NPD Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
More results

Similar Description - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
Multifunction Voltage Regulator???
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
Sep-2003
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com