Electronic Components Datasheet Search
  English  ▼

X  

L7805ABV Datasheet(PDF) 48 Page - STMicroelectronics

Part # L7805ABV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ABV Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L7805ABV Datasheet HTML 44Page - STMicroelectronics L7805ABV Datasheet HTML 45Page - STMicroelectronics L7805ABV Datasheet HTML 46Page - STMicroelectronics L7805ABV Datasheet HTML 47Page - STMicroelectronics L7805ABV Datasheet HTML 48Page - STMicroelectronics L7805ABV Datasheet HTML 49Page - STMicroelectronics L7805ABV Datasheet HTML 50Page - STMicroelectronics L7805ABV Datasheet HTML 51Page - STMicroelectronics L7805ABV Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Package mechanical data
Positive voltage regulator ICs
48/58
DocID2143 Rev 32
Table 23. D²PAK (SMD 2L STD-ST) mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
A1
0.03
0.23
b0.70
0.93
b2
1.14
1.70
c0.45
0.60
c2
1.23
1.36
D8.95
9.35
D1
7.50
E
10
10.40
E1
8.50
e2.54
e1
4.88
5.28
H
15
15.85
J1
2.49
2.69
L2.29
2.79
L1
1.27
1.40
L2
1.30
1.75
R0.4
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com