Electronic Components Datasheet Search
  English  ▼

X  

ALD7555 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD7555
Description  SINGLE/DUAL CMOS ANALOG RC TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD7555 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD7555 Datasheet HTML 1Page - Advanced Linear Devices ALD7555 Datasheet HTML 2Page - Advanced Linear Devices ALD7555 Datasheet HTML 3Page - Advanced Linear Devices ALD7555 Datasheet HTML 4Page - Advanced Linear Devices ALD7555 Datasheet HTML 5Page - Advanced Linear Devices ALD7555 Datasheet HTML 6Page - Advanced Linear Devices ALD7555 Datasheet HTML 7Page - Advanced Linear Devices ALD7555 Datasheet HTML 8Page - Advanced Linear Devices ALD7555 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
ADVANCED
LINEAR
DEVICES, INC.
SINGLE/DUAL CMOS ANALOG RC TIMER
GENERAL DESCRIPTION
The ALD7555/ALD7556 timers are high performance single/dual mono-
lithic analog RC timing circuits. They offer significantly upgraded perfor-
mance in speed, leakage currents, supply current, stability, temperature
voltage stability, and discharge output drive when compared to SE555/
NE555,ICL7555, TLC555, and ICM7555.
The ALD7555/ALD7556 offer the benefits of high input impedance, thereby
allowing smaller timing capacitors and a longer timing cycle; high speed;
low power dissipation for battery operated environment; reduced supply
current spikes, allowing smaller and lower cost decoupling capacitors.
Each timer is capable of producing accurate time delays and oscillations in
both monostable and astable operation, and operates in the one-shot
(monostable) mode or 50% duty cycle free running oscillation mode with a
single resistor R and one capacitor C. The inputs and outputs are fully
compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200KΩ each)
that set the threshold and trigger levels at two-thirds and one-third respec-
tively of V+. These levels can be adjusted by using the control terminal.
When the trigger input is below the trigger level, the output is in the high
state and sourcing 2mA. When the threshold input is above the threshold
level at the same time the trigger input is above the trigger level, the internal
flip-flop is reset, the output goes to the low state and sinks up to 10mA. The
reset input overrides all other inputs and when it is active (reset voltage less
than 1V), the output is in the low state. The discarge output has been
signifcantly enhanced to eliminate the need for a separate external driver.
FEATURES
• Improved accuracy and temperature stability
• High speed operation -- 2.5MHz typical oscillation at 5V
• High Discharge Sinking Current of 80mA at 5V
• Guaranteed low operating supply voltage of 2V to 10V
• Functional equivalent to and same pin-out as NE555/NE556,
SE555, TLC555, ICM7555/ICM7556
• Greatly expanded high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current, typically: 50µA for ALD7555, 100µA for ALD7556
• Extremely low trigger, threshold and reset currents 10pA typical
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• Low supply current spikes
• Rail to rail output
• High speed one-shot (monostable)
• Precision sequential timing
• Long delay timer
• Pulse width and pulse position modulation
• Missing pulse detector
• Frequency divider
• Synchronized timer
ALD7555/ALD7556
BENEFITS
• Saves battery power
• Eliminates additional buffer
• Smaller, lower cost capacitor
• Extended range of time constants
APPLICATIONS
BLOCK DIAGRAM (EACH TIMER)
OUTPUT
(3)
DISCHARGE
(7)
RESET
(4)
R
S
R
R
R
TRIGGER
(2)
GND
(1)
CONTROL
(5)
THRESHOLD
(6)
V+
(8)
* Contact factory for leaded (non-RoHS) or high temperature versions.
Operating Temperature Range *
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin Small Outline
8-Pin Plastic
8-Pin CERDIP
Package (SOIC)
DIP Package
Package
ALD7555SAL
ALD7555PAL
ALD7555DA
14-Pin Small Outline
14-Pin Plastic
14-Pin CERDIP
Package (SOIC)
DIP Package
Package
ALD7556SBL
ALD7556PBL
ALD7556DB
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
SAL, PAL, DA PACKAGES
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RST
V+
DISC
THRES
CONT
ALD7555
SBL, PBL, DB PACKAGES
DSC1
THRES1
CONT1
RST1
OUT1
TRIG1
GND
TRIG2
OUT2
RST2
CONT2
THRES2
DSC2
V+
2
3
4
5
6
7
9
10
11
12
13
14
1
8
ALD7556


Similar Part No. - ALD7555

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD750DHCA ABRACON-ALD750DHCA Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD750DHCT ABRACON-ALD750DHCT Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD750DHLA ABRACON-ALD750DHLA Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD750DHLT ABRACON-ALD750DHLT Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD750DHP1A ABRACON-ALD750DHP1A Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
More results

Similar Description - ALD7555

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1878C INTERSIL-CDP1878C Datasheet
61Kb / 13P
CMOS Dual Counter-Timer
March 1997
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555 Datasheet
166Kb / 8P
IttyBitty??RC Timer / Oscillator
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_10 Datasheet
164Kb / 10P
IttyBitty RC Timer / Oscillator
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Micrel Semiconductor
MIC1555 MICREL-MIC1555_15 Datasheet
947Kb / 18P
IttyBitty짰 RC Timer/Oscillator
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com