Electronic Components Datasheet Search
  English  ▼

X  

ALD7556 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD7556
Description  SINGLE/DUAL CMOS ANALOG RC TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD7556 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD7556 Datasheet HTML 1Page - Advanced Linear Devices ALD7556 Datasheet HTML 2Page - Advanced Linear Devices ALD7556 Datasheet HTML 3Page - Advanced Linear Devices ALD7556 Datasheet HTML 4Page - Advanced Linear Devices ALD7556 Datasheet HTML 5Page - Advanced Linear Devices ALD7556 Datasheet HTML 6Page - Advanced Linear Devices ALD7556 Datasheet HTML 7Page - Advanced Linear Devices ALD7556 Datasheet HTML 8Page - Advanced Linear Devices ALD7556 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ALD7555/ALD7556
Advanced Linear Devices
4 of 12
MONOSTABLE OPERATION
In this mode of operation the ALD7555 and the ALD7556
can be connected as a one-shot circuit which produces an
output pulse with a user-adjustable pulse delay time. The
pulse delay time is set by the external R and C values, which
together produce a RC time constant that is proportional to
the time delay. (See typical applications) The pulse is started
with an external negative going Trigger pulse applied to TRIG-
GER pin. This negative going pulse set an internal flip-flop
so that the external R and C can start the RC timing while
the OUTPUT pin is in the HIGH state. The external C is
being charged by the external R. When the voltage between
the R and C is charged passed the internal threshold volt-
age at the THRESHOLD pin, which is set at 66.6% of V+,
the internal comparator of the ALD7555 and the ALD7556
resets the internal flip-flop. This then turns on the Discharge
Driver at DISCHARGE pin, and discharges the timing ca-
pacitor C. The cycle is completed when the OUTPUT is driven
to a low state and the ALD7555 and the ALD7556 are again
waiting for the next negative going trigger pulse at TRIG-
GER pin.
CONTROL Voltage and RESET pins
The CONTROL pin directly accesses one input to the upper
comparator. As the input reference resistor string has on-
chip high impedance resistors, an input voltage at the CON-
TROL input can easily change the voltage at the comparator
input. This allows the user to change the oscillation fre-
quency, or modulate the oscillation frequency of the analog
timer, with a separate user provided frequency. The CON-
TROL pin also allows a user-provided inhibit signal to stop
and start the timerís oscillation.
The RESET terminal directly resets the internal RS flip-flop
circuit, which in turn controls the OUTPUT and DISCHARGE
pins. This function is activated by a low voltage input of 0.7V
of 100 ns minimum duration. By injecting a variety of input
signals in a combination to the TRIGGER , THRESHOLD,
CONTROL and RESET pins, many interesting modulation
and demodulation signals can be manipulated and/or gen-
erated by the circuit designer.
APPLICATION NOTES (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com