Electronic Components Datasheet Search
  English  ▼

X  

AS7C164A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS7C164A
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS7C164A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS7C164A Datasheet HTML 1Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 2Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 3Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 4Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 5Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 6Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 7Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 8Page - List of Unclassifed Manufacturers AS7C164A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
V
5
.
5
0
.
5
5
.
4
Input High Voltage
VIH
*1
V
-
4
.
2
CC
+0.5
V
Input Low Voltage
VIL
*2
V
8
.
0
-
5
.
0
-
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH
V
-
-
4
.
2
A
m
1
-
=
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
-12
-
90
160
mA
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH,
II/O = 0mA
Other pins at VIH or VIL
-15
-
80
140
mA
Standby Power
Supply Current
ISB1
CE#
V
≧ CC-0.2V or CE2≦0.2V
Other pins at 0.2V or VCC-0.2V
-
1
5
mA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
CAPACITANCE (TA = 25 , f
℃
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
C
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
IN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
V
o
t
V
2
.
0
s
l
e
v
e
L
e
s
l
u
P
t
u
p
n
I
CC
- 0.2V
s
n
3
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
n
I
Input and Output Timing Reference Levels
1.5V
C
d
a
o
L
t
u
p
t
u
O
L
= 30pF + 1TTL, IOH/IOL = -4mA/8mA
NOVEMBER 2009
AS7C164A
8K X 8 BIT HIGH SPEED CMOS SRAM
NOVEMBER/2009 V1.2
Page 3 of 10
Alliance Memory Inc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com