Electronic Components Datasheet Search
  English  ▼

X  

EMT1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # EMT1
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

EMT1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  EMT1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMT1
Dual PNP
Plastic-Encapsulated Transistors
Elektronische Bauelemente
07-Dec -2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Mounting Possible With SOT-563 Automatic Mounting Machines.
Transistor elements are independent, eliminating interference.
MARKING
T1
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current – Continuous
IC
-150
mA
Collector Power Dissipation
PC
150
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -50µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -50µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µ
A
VCB= -60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µ
A
VEB= -7V, IC=0
DC Current Gain
hFE
120
-
560
VCE= -6V, IC= -1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -50mA, IB= -5mA
Transition Frequency
fT
-
140
-
MHz
VCE= -12V, IC= -2mA, f=100MHz
Collector Output Capacitance
Cob
-
-
5
pF
VCB= -12V, IE=0, f=1MHz
SOT-563
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.600
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
0.05 REF.
E
F
J
B
C
D
G
A
H


Similar Part No. - EMT1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT1 ROHM-EMT1 Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
EMT1 ROHM-EMT1 Datasheet
100Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
General purpose transistors (dual digital transistors)
logo
Rohm
EMT1 ROHM-EMT1 Datasheet
101Kb / 4P
General Purpose Transistor
EMT1 ROHM-EMT1 Datasheet
80Kb / 4P
General Purpose Transistor
More results

Similar Description - EMT1

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com