Electronic Components Datasheet Search
  English  ▼

X  

ES21B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ES21B
Description  2.0Amp Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES21B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES21B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES21B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES21B ~ ES23B
Voltage 50 ~ 200V
2.0Amp Super Fast Recovery Rectifiers
19-May-2014 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Glass passivated chip
MECHANICAL DATA
Case: Molded Plastic SMB/DO-214AA
Epoxy: UL 94V-0 Rate Flame Retardant
Terminals: Solderable per MIL-STD-750
method 2026
Polarity: Color Band Denotes Cathode
Mounting Position: Any
Weight: 0.093 gram
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
ES21B
ES22B
ES23B
Unit
Maximum Recurrent Peak reverse voltage
VRRM
50
100
200
V
Maximum RMS Voltage
VRMS
35
70
140
V
Maximum DC Blocking Voltage
VDC
50
100
200
V
Maximum Average Forward Rectified Current
@TA=90°C
IF(AV)
2
A
Peak Forward Surge Current,8.3 ms Half Sine-Wave
superimposed on rated load(JEDEC method)
IFSM
60
A
Maximum Instantaneous Forward Voltage @ 2.0A
VF
0.9
V
TJ=25°C
5
Maximum DC Reverse Current At Rated
DC Blocking Voltage
TJ=125°C
IR
100
μA
Maximum Reverse Recovery Time
1
TRR
20
nS
Typical Junction Capacitance
2
CJ
50
pF
Maximum Thermal Resistance
RθJA
45
°C / W
Maximum Thermal Resistance
RθJC
15
°C / W
Operating and Storage Temperature
TJ,TSTG
-55 ~ 150
°C
Notes:
1.
Reverse recovery test conditions IF=0.5A, IR=1.0A, IRR=0.25A.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.00
4.70
F
5.08
5.59
C
3.25
3.94
G
0.75
1.52
D
2.11
2.44
H
0.15
0.305


Similar Part No. - ES21B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
More results

Similar Description - ES21B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
186Kb / 2P
2.0AMP Fast Recovery Rectifiers
SF21 SECOS-SF21 Datasheet
417Kb / 2P
2.0AMP Super Fast Rectifiers
SUF201A SECOS-SUF201A Datasheet
236Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF201B SECOS-SUF201B Datasheet
203Kb / 2P
2.0AMP Surface Mount Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
2.0AMP. Fast Recovery Rectifiers
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
2.0AMP. Soft Fast Recovery Rectifiers
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com