Electronic Components Datasheet Search
  English  ▼

X  

ESD12R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ESD12R
Description  240W Transient voltage suppressors Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESD12R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ESD12R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESD12R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01
234
5678
9 2
21
2274
2

0

5798
274
61
4
!2
"##5299659
$8
6%2
&
'
()*+,
-./
0123
4567849:
;<=
>?
@ABCCCD
ED
F&
G
HIHG
&
E&
=JK&
LM
NO
HPO
Q
NR
S5TU
S7S:
85
;VHWLNRWH&OQXH&QW&OYLQPZGGY&[&B&RW
;\N]&GHZ^Z_H
;`abcdefgghifjabklmnop
;=JK&MZOQR_&Nq&PGZWW&r&st&BA&^uv&LHM&wxXZR&yNzY&XNzHG
{|}~€
‚€
ƒ„
;KHWQ_RHz&ON&LMNOHPO&INGOZ_H&WHRWQOQIH&PNXLNRHROW&qMNX&=JK;
;=…PHGGHRO&PGZXLQR_&PZLZyQGQOY†&GN]&GHZ^Z_H&ZRz&qZWO&MHWLNRWH;
;@HGGxGZM&LwNRHW†&‡ˆr&LGZYHMW†&zQ_QOZG&PZXHMZW&;;;&HOP;
;JxQOZyGH&qNM&HGHPOMNRQPW&]wHMH&yNZMz&WLZPH&QW&Z&XZ‰NM&zHWQ_R&PNRWQzHMZOQNR;
Š‹
ŒŽ
VZO
Q
R_&
F@
N
‘’ˆ=&
“”‡•=V&
J’‡•–\&
\<
‡<
‘J
”“<
‘J&
‘NO
ZG
&
ˆN]HM
&
KQ
WWQ
LZO
Q
NR&
NR&
—VD
&
yNZM
z&
s
“NO
H&
Bv
ˆK
&
FCC&
N
X˜
@™
˜
N
@
N
@
=JK&
uNG
O
Z_H&
L
LHM
&
XZPwQ
RH&
XNzHG
HM
&
wxXZR&
yNzY&
XNzHG
u=JK
BA
ECC
^u
u
\HZz&
JNG
zHM
&
‘HXLHM
ZO
xM
H&
D
&
‡Z…;
&
s
BC&
WHP&
zxM
ZO
Q
NRv
‘\
FAC
‘wHM
XZG
&
VHWQ
WO
ZRPH&
šxRPO
Q
NRD
O
ND
ZXyQ
HRO
V›šœ
AF
šxRPO
Q
NR&
ZRz&
JO
NM
Z_H&
‘HXLHM
ZO
xM
H&
VZR_H
‘š‘
†J‘
D
&
ž&
ŸBC&
<
=@ABCCCD
ED
F&
s
=JKv
œQ
M
@NRO
ZPO
Ÿ™
D
&  ¡
¢£¤
JO
M
HWWHW&
H…PHHzQ
R_&
¥‡Z…Q
XxX&
VZO
Q
R_W¥&
XZY&
zZXZ_H&
O
wH&
zHIQ
PH;
&
¥‡Z…Q
XxX&
VZO
Q
R_W¥&
ZM
H&
WO
M
HWW&
M
ZO
Q
R_W&
NRG
Y;
&
—xRPO
Q
NRZG
&
NLHM
ZO
Q
NR&
ZyNIH
O
wH&
M
HPNXXHRzHz;
&
–LHM
ZO
Q
R_&
PNRzQ
O
Q
NRW&
Q
W&
RNO
&
Q
XLG
Q
Hz;
&
=…O
HRzHz&
H…LNWxM
H&
O
N&
WO
M
HWWHW&
ZyNIH&
O
wH&
M
HPNXXHRzHz&
NLHM
ZO
Q
R_&
PNRzQ
O
Q
NRW
XZY&
Zq
q
HPO
&
zHIQ
PH&
M
HG
Q
ZyQ
G
Q
O
Y;
B;
&
—VD
&
¦&
B;
C&
…&
C;
§&
…&
C;
AF&
Q
R;
&ZXyQ
HRO
&
O
HXLHM
ZO
xM
H&
xRG
HWW&
NO
wHM
]Q
WH&
WLHPQ
q
Q
Hz;
&
¨©
©
ª«
¬
¬
­­­®
¯°±²¯³´µ¶®
·²´¬
&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&œRY&
PwZR_Q
R_&
Nq
&
WLHPQ
q
Q
PZO
Q
NR&
]Q
G
G
&
RNO
&
yH&
Q
Rq
NM
XHz&
Q
RzQ
IQ
zxZG
&
ˆZ_H&
B&
Nq
&
¸
¹º»
¼½¾»
¹¿¿ÀÁ
ÂÃÄÅ
Á
Æ
&
&
&
&
&
&
&
&
J–KD
Fr&
KQ
XHRWQ
NRW&
Q
R&
XQ
G
G
Q
XHO
HM
W
ËÈ
ÎÊËÈ
ËÍ
ÏÐÑÒÓÔÕÖ
×ÐØÙ
ËÈ
ÉÊËÈ
Ç
ËÈ
ÇÊËÈ
ËÍ
ËÈ
ÚÊËÈ
ËÍ
Ÿ™
D
&  ¡
ÛÜÝÞ
ß
àáâãä
åáæçè
é
êëì
ä
íî
áïðñì
ä
òä
óðô
ô
é
õä
áô
ä
ö
÷
åø
ä
óçùñé
ô
é
ùóä
úêè
áûùëä
üä
è
ùêï÷
ô
î
ùùä


Similar Part No. - ESD12R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD12R SECOS-ESD12R_15 Datasheet
230Kb / 2P
240W Transient Voltage Suppressors Diode
More results

Similar Description - ESD12R

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
P6KE JGD-P6KE Datasheet
363Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
SeCoS Halbleitertechnol...
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
120W Transient Voltage Suppressors Diode
KS05K5 SECOS-KS05K5 Datasheet
427Kb / 2P
100W Transient Voltage Suppressors Diode
SESD03 SECOS-SESD03 Datasheet
337Kb / 2P
110W Transient Voltage Suppressors Diode
ESD12R SECOS-ESD12R_15 Datasheet
230Kb / 2P
240W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
Transient Voltage Suppressors Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com