Electronic Components Datasheet Search
  English  ▼

X  

SRL560 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SRL560
Description  Low VF Planar MOS Barrier Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SRL560 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SRL560 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SRL560 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SRL560
Voltage 60V 5 Amp
Low VF Planar MOS Barrier Schottky Rectifier
22- Nov -2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Planar MOS Schottky technology
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRSM
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
80
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance
RθJC
15
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-40~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.45
0.49
IF = 3A, TJ = 25°C
0.56
0.59
IF = 5A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
0.54
0.58
V
IF = 5A, TJ = 125°C
-
0.2
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
20
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
180
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
DO-27
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.50
C
4.80
5.60
D
0.96
1.32


Similar Part No. - SRL560

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SRL560 SECOS-SRL560_15 Datasheet
142Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
More results

Similar Description - SRL560

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL20U45F SECOS-SBL20U45F Datasheet
158Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60 SECOS-SBL30U60 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SMPB1060L SECOS-SMPB1060L Datasheet
102Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20A100 SECOS-SBL20A100_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20U45F SECOS-SBL20U45F_15 Datasheet
158Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20U60 SECOS-SBL20U60_15 Datasheet
105Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U45 SECOS-SBL30U45_15 Datasheet
150Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60 SECOS-SBL30U60_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60F SECOS-SBL30U60F_15 Datasheet
164Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL10U45F SECOS-SBL10U45F Datasheet
231Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com