Electronic Components Datasheet Search
  English  ▼

X  

SSPS7100N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7100N
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7100N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7100N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7100N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS7100N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS7100N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSPS7100N
6.2 A , 100 V, RDS(ON) 62 m
N-Ch Enhancement Mode Power MOSFET
11-Dec-2013 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
E
F
G
g
A
e
b
θ
D
C
d
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide
low RDS(on) and to ensure minimal power loss and
heat dissipation. Typical applications are
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
Fast switching speed
High performance trench technology
APPLICATION
DC-DC converters and power management in
portable and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN3x3-8PP
3K
13 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
6.2
A
Continuous Drain Current
1
TA=70°C
ID
4.6
A
Pulsed Drain Current
2
IDM
50
A
Continuous Source Current (Diode Conduction)
1
IS
5
A
TA=25°C
3.5
W
Total Power Dissipation
1
TA=70°C
PD
2
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
t ≦ 10 sec
35
°C / W
Thermal Resistance Junction-Ambient (Max.)
1
Steady State
RθJA
81
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
DFN3x3-8PP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.70
0.90
θ
0
°
12
°
B
3.00BSC
b
0.20
0.40
C
0.10
0.25
d
0.65BSC
D
1.80
2.3
e
3.00BSC
E3.2BSC
g
0.70(TYP.)
F
0.01
0.02
G
2.35BSC
Top View


Similar Part No. - SSPS7100N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7100N SECOS-SSPS7100N_15 Datasheet
568Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSPS7100N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com