Electronic Components Datasheet Search
  English  ▼

X  

NJM2794 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NJM2794
Description  Ground Noise Isolation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM2794 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NJM2794 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJM2794 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2794
– 7 –
■ TYPICAL CHARACTERISTICS
Operating Current vs. Ambient Temperature
V+=9V
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100 125
150
Ambient Temperature [oC]
Reference Voltage vs. Ambient Temperature
V+=9V
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
150
Ambient Temparature [oC]
Operating Current vs. Operating Voltage
0
5
10
15
20
25
30
036
9
12
15
Operating Voltage [V]
25oC
Ta=85oC
-40oC
Reference Voltage vs. Operating Voltage
0
3
6
9
12
15
036
9
12
15
Operating Voltage [V]
Ta=85,25,-40oC
Noise Output Voltage vs. Ambient Temperature
V+=9V, Rg=600Ω, A-Weighted
-140
-120
-100
-80
-60
-40
-20
0
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [oC]
Noise Output Voltage vs. Signal Source Resistance
V+=9V, Ta=25oC, A-Weighted
-120
-100
-80
-60
-40
-20
0
0.01
0.1
1
10
100
Signal Source Resistance [kΩ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com