Electronic Components Datasheet Search
  English  ▼

X  

UG8KB05 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # UG8KB05
Description  BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

UG8KB05 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  UG8KB05 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. UG8KB05 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical thermal resistance per leg
175
per diode @8.0A
Mechanical Data
per MIL-STD 202E,Method 208C
Retardant Epoxy
· Polarity: Polarity symbol marked on body
· Mounting Position:Any
· High surge current capability
· Ideal for printed circuit board
· Terminal: Plated leads solderable
· Case: UL-94 Class V-0 recognized Flame
Features
· Glass Passivated Die Construction
· High case dielectric strength
UG8KB
05
UG8KB
10
UG8KB
20
UG8KB
40
UG8KB
60
UG8KB
80
UG8KB
100
UNIT
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
A
A
V
uA
℃
℃
Note:
℃/W
storage temperature range
Tstg
-55 to +150
RθJA
55
RθJL
15
Operating junction temperature range
TJ
-55 to +150
Maximum instantaneous forward voltage drop
VF
1.1
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
Maximum Average forward output rectified
current
I(AV)
8.0
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
Maximum repetitive peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum Ratings and Electrical Characteristics @TA=25℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
Note:
http://www.trr-jx.com
BRIDGE RECTIFIERS
UG8KB05-UG8KB100


Similar Part No. - UG8KB05

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
UG8KB05 CHENDA-UG8KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UG8KB05 ZSELEC-UG8KB05 Datasheet
118Kb / 2P
8.0A BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
UG8KB05 CHENDA-UG8KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
UG8KB05 JUXING-UG8KB05 Datasheet
2Mb / 2P
BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UG8KB05 ZSELEC-UG8KB05 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
More results

Similar Description - UG8KB05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com