Electronic Components Datasheet Search
  English  ▼

X  

GNOG Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GNOG
Description  GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GNOG Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GNOG Datasheet HTML 1Page - EIC discrete Semiconductors GNOG Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GNOA - GNOM
GLASS PASSIVATED JUNCTION
SILICON SURFACE MOUNT
PRV : 50 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
GNOA GNOB GNOD GNOE GNOG GNOH GNOJ GNOK GNOM UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Maximum Average Forward Current Ta = 75
°C
IF(AV)
1.5
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 1.5 Amps.
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
30
pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
Rev. 01 : Mar 23, 2002
RATING
IFSM
50
A
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07


Similar Part No. - GNOG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GNOG GOOD-ARK-GNOG Datasheet
190Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
SynSemi, Inc.
GNOG SYNSEMI-GNOG Datasheet
38Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
EIC discrete Semiconduc...
GNOG EIC-GNOG Datasheet
49Kb / 2P
GLASS PASSIVATED JUNCTION
logo
GOOD-ARK Electronics
GNOGA GOOD-ARK-GNOGA Datasheet
152Kb / 2P
Surface Mount Glass Passivated Rectifiers
More results

Similar Description - GNOG

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN1A EIC-GN1A Datasheet
16Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2A EIC-GN2A Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN3A EIC-GN3A Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
SynSemi, Inc.
GN1A SYNSEMI-GN1A Datasheet
38Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GNOA SYNSEMI-GNOA Datasheet
38Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2A SYNSEMI-GN2A Datasheet
31Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
EIC discrete Semiconduc...
SMN1A EIC-SMN1A Datasheet
107Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
PRLL4001 EIC-PRLL4001 Datasheet
116Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION
PRLL4001A EIC-PRLL4001A Datasheet
107Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Shenzhen Luguang Electr...
GF1A LUGUANG-GF1A Datasheet
1Mb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com