Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA200 Datasheet HTML 7Page - Texas Instruments INA200 Datasheet HTML 8Page - Texas Instruments INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
larger-than-normal offset can appear at the current
shunt monitor output with a typical maximum value of
This
region
of
operation
provides
the
highest
VOUT = 300mV for VSENSE = 0mV. As VSENSE
accuracy.
Here,
the
input
offset
voltage
is
approaches 20mV, VOUT returns to the expected
characterized
and
measured
using
a
two-step
output value with accuracy as specified in the
method. First, the gain is determined by Equation 1.
Electrical Characteristics. Figure 27 illustrates this
effect using the INA202 (Gain = 100).
(1)
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
Then the offset voltage is measured at VSENSE =
100mV and referred to the input (RTI) of the current
shunt monitor, as shown in Equation 2.
(2)
In the Typical Characteristics, the Output Error vs
Common-Mode Voltage curve (Figure 7) shows the
highest accuracy for the this region of operation. In
this plot, VS = 12V; for VCM ≥ 12V, the output error is
Figure 27. Example for Low VSENSE Cases 1 and 3
at its minimum. This case is also used to create the
(INA202, Gain = 100)
VSENSE ≥ 20mV output specifications in the Electrical
Characteristics table.
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM ≤ VS
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
This region of operation is the least accurate for the
This region of operation has slightly less accuracy
INA200
family.
To
achieve
the
wide
input
than Normal Case 1 as a result of the common-mode
common-mode voltage range, these devices use two
operating area in which the part functions, as seen in
op amp front ends in parallel. One op amp front end
the Output Error vs Common-Mode Voltage curve
operates in the positive input common-mode voltage
(Figure 7). As noted, for this graph VS = 12V; for VCM
range, and the other in the negative input region. For
< 12V, the Output Error increases as VCM becomes
this case, neither of these two internal amplifiers
less than 12V, with a typical maximum error of
dominates and overall loop gain is very low. Within
0.005% at the most negative VCM = –16V.
this region, VOUT approaches voltages close to linear
operation levels for Normal Case 2. This deviation
Low VSENSE Case 1:
from linear operation becomes greatest the closer
VSENSE < 20mV, –16V ≤ VCM < 0; and
VSENSE approaches 0V. Within this region, as VSENSE
Low VSENSE Case 3:
approaches 20mV, device operation is closer to that
VSENSE < 20mV, VS < VCM ≤ 80V
described by Normal Case 2. Figure 28 illustrates this
Although the INA200 family of devices are not
behavior for the INA202. The VOUT maximum peak for
designed for accurate operation in either of these
this case is tested by maintaining a constant VS,
regions, some applications are exposed to these
setting VSENSE = 0mV and sweeping VCM from 0V to
conditions. For example, when monitoring power
VS. The exact VCM at which VOUT peaks during this
supplies that are switched on and off while VS is still
test varies from part to part, but the VOUT maximum
applied to the INA200, INA201, or INA202, it is
peak is tested to be less than the specified VOUT
important to know what the behavior of the devices
tested limit.
will be in these regions.
As VSENSE approaches 0mV, in these VCM regions,
the
device
output
accuracy
degrades.
A
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA200 INA201 INA202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com