Electronic Components Datasheet Search
  English  ▼

X  

BGA3012 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3012 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BGA3012 Datasheet HTML 7Page - NXP Semiconductors BGA3012 Datasheet HTML 8Page - NXP Semiconductors BGA3012 Datasheet HTML 9Page - NXP Semiconductors BGA3012 Datasheet HTML 10Page - NXP Semiconductors BGA3012 Datasheet HTML 11Page - NXP Semiconductors BGA3012 Datasheet HTML 12Page - NXP Semiconductors BGA3012 Datasheet HTML 13Page - NXP Semiconductors BGA3012 Datasheet HTML 14Page - NXP Semiconductors BGA3012 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
NXP Semiconductors
BGA3012
1 GHz 12 dB gain wideband amplifier MMIC
© NXP B.V. 2013.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 26 September 2013
Document identifier: BGA3012
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7.1
Forward application . . . . . . . . . . . . . . . . . . . . . 3
7.2
Return application. . . . . . . . . . . . . . . . . . . . . . . 5
8
Application information. . . . . . . . . . . . . . . . . . . 7
8.1
Forward application 40 MHz to 1006 MHz . . . . 7
8.1.1
Forward application circuit . . . . . . . . . . . . . . . . 7
8.1.2
Forward application circuit board layout . . . . . . 8
8.2
Return application 5 MHz to 300 MHz . . . . . . . 9
8.2.1
Return application circuit . . . . . . . . . . . . . . . . . 9
8.2.2
Return application circuit board layout . . . . . . 10
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11
10
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 12
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 12
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . 13
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 13
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
12.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 14
13
Contact information. . . . . . . . . . . . . . . . . . . . . 14
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com