Electronic Components Datasheet Search
  English  ▼

X  

HVR116 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HVR116
Description  HIGH VOLTAGE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HVR116 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HVR116 Datasheet HTML 1Page - EIC discrete Semiconductors HVR116 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVR112 - HVR120
HIGH VOLTAGE
RECTIFIER DIODES
PRV : 1200 - 2000 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL HVR112
HVR114
HVR116
HVR118
HVR120
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
1400
1600
1800
2000
Volts
Maximum RMS Voltage
VRMS
840
980
1120
1260
1400
Volts
Maximum DC Blocking Voltage
VDC
1200
1400
1600
1800
2000
Volts
Maximum Average Forward Current
Ta = 75
°C
IF(AV)
1.0
Amp.
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
30
Amps.
Maximum Peak Forward Voltage at IF = 1.0 Amp.
VF
2.2
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Junction Capacitance (Note 1)
Cj
36
pF
Typical Thermal Resistance (Note 2)
R
θJA
26
°C/W
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
UPDATE : AUGUST 1, 1998
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - HVR116

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
HVR116 SYNSEMI-HVR116 Datasheet
30Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
HVR116 EIC-HVR116 Datasheet
63Kb / 2P
HIGH VOLTAGE
More results

Similar Description - HVR116

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL75 SUNMATE-2CL75 Datasheet
198Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
R5000F SUNMATE-R5000F Datasheet
255Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com