Electronic Components Datasheet Search
  English  ▼

X  

PS9715 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9715
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9715 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9715 Datasheet HTML 1Page - California Eastern Labs PS9715 Datasheet HTML 2Page - California Eastern Labs PS9715 Datasheet HTML 3Page - California Eastern Labs PS9715 Datasheet HTML 4Page - California Eastern Labs PS9715 Datasheet HTML 5Page - California Eastern Labs PS9715 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS9715
ELECTRICAL CHARACTERISTICS (TA = 0 to +85°C, Unless otherwise specified), Continued
PART NUMBER
PS9715
SYMBOL
PARAMETERS
UNITS
MIN
TYP
MAX
| tPHL – tPLH |
Pulse Width Distortion, (PWD)3, VCC = 5 V, IF = 7.5 mA
ns
7
50
CMH
Common Mode Transient Immunity at High Level Output4,
kV/µs10
20
VCC = 5 V, TA = 25°C, IF = 0 mA, VO (MIN) = 2 V, VCM = 1 kV
CML
Common Mode Transient Immunity at Low Level Output4,
kV/µs10
20
VCC = 5 V, TA = 25°C, IF = 7.5 mA, VO (MAX) = 0.8 V, VCM = 1 kV
Notes:
1.
Typical values at TA = 25°C.
2.
Because a high level output current (IOH) of 300 µA or more may be output when the temperature is 0°C or less and when VCC is around 3 to
4 V, it is important to confirm the characteristics (operation with the power supply on and off) during design, before using the device.
3.
Test Circuit for Propagation delay time
4.Test Circuit for common mode transient immunity
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
5
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IOH
High level Output Current2
mA
-5
IOL
Low level Output Current2
mA
13
PC
Power Dissipation2,3
mW
130
Coupled
BV
Isolation Voltage4
Vr.m.s.
2500
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. TA = -40 to +85°C, Applies to output pin Vo and power supply pin
VCC.
RECOMMENDED
OPERATING CONDITIONS
PART NUMBER
PS9715
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
IFH
High Level Input Current
mA
7.5
12.5
IFL
Low Level Input Current
µA0
250
VCC
Supply Voltage
V
4.5
5.0
5.5
N
TTL(loads)
3
TA
Operating Temperature
°C0
+85
USAGE CAUTIONS
1. This device is ESD sensitive.
2. Bypass capacitor of more than 0.1 µF is used between VCC and GND near device. Also, ensure that the distance between the leads of the
photocoupler and capactor is no more than 10 mm.
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
IF (ON)
50% IF (ON)
CL includes probe and stray wiring capacitance.
Pulse input (IF)
VO (monitor)
Input
(monitor)
(PW = 500 ns,
Duty cycle = 1/2)
47 Ω
VCC = 5 V
0.1 F
µ
CL =
30 pF
2.5 kΩ
1.3 kΩ
VCC = 5 V
90%
10%
1 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
CL includes probe and stray wiring capacitance.
VO (Monitor)
VCC = 5 V
0.1 F
µ
CL = 15 pF
SW IF
VCM
4. AC voltage for 1 minute at TA = 25 °C, RH = 60% between input
and output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com