Electronic Components Datasheet Search
  English  ▼

X  

IR2175S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2175S
Description  LINEAR CURRENT SENSING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2175S Datasheet(HTML) 3 Page - International Rectifier

  IR2175S Datasheet HTML 1Page - International Rectifier IR2175S Datasheet HTML 2Page - International Rectifier IR2175S Datasheet HTML 3Page - International Rectifier IR2175S Datasheet HTML 4Page - International Rectifier IR2175S Datasheet HTML 5Page - International Rectifier IR2175S Datasheet HTML 6Page - International Rectifier IR2175S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IR2175(S)&(PbF)
www.irf.com
Note 1:
±10mV offset represents ±1.5% duty cycle fluctuation
Note 2: Gain = (full range of duty cycle in %) / (full input voltage range).
VIN
Nominal input voltage range before saturation
-260
—
260
VIN+ _ VS
VOC+
Overcurrent trip positive input voltage
—
260
—
VOC-
Overcurrent trip negative input voltage
—
-260
—
VOS
Input offset voltage
-10
0
10
VIN = 0V (Note 1)
∆VOS/∆TA
Input offset voltage temperature drift
—
25
—
µV/oC
G
Gain (duty cycle % per VIN)
155
160
165
%/V
max gain error=5%
(Note 2)
∆G/∆TA
Gain temperature drift
—
20
—
ppm/
oC
ILK
Offset supply leakage current
—
—
50
µA
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
2
—
VS = 0V
IQCC
Quiescent VCC supply current
—
—
0.5
LIN
Linearity (duty cycle deviation from ideal linearity
—
0.5
1
%
curve)
∆VLIN/∆TA
Linearity temperature drift
—
.005
—
%/
oC
IOPO
Digital PWM output sink current
20
—
—
2—
—
IOCC
OC output sink current
10
—
—
1—
—
DC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
o unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
mA
mV
mA
VO = 1V
VO = 0.1V
VO = 1V
VO = 0.1V
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
Propagation delay characteristics
fo
Carrier frequency output
100
130
180
kHz
∆f/∆TA
Temperature drift of carrier frequency
—
500
—
ppm/
oC
Dmin
Minimum duty
—
9
—
%
Dmax
Maximum duty
—
91
—
%
VIN+=+260mV
BW
fo bandwidth
—
15
—
kHz
PHS
Phase shift at 1kHz
—
-10
—
o
tdoc
Propagation delay time of OC
1
2
—
twoc
Low true pulse width of OC
—
1.5
—
AC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
o unless otherwise specified.
figure 1
VIN = 0 & 5V
VIN+=-260mV,
VIN+ = 100mVpk -pk
sine wave, gain=-3dB
VIN+ =100mVpk-pk
sine wave
µsec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com