Electronic Components Datasheet Search
  English  ▼

X  

2SD1005 Datasheet(PDF) 1 Page - NEC

Part # 2SD1005
Description  NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD1005 Datasheet(HTML) 1 Page - NEC

  2SD1005 Datasheet HTML 1Page - NEC 2SD1005 Datasheet HTML 2Page - NEC 2SD1005 Datasheet HTML 3Page - NEC 2SD1005 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SD1005

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
logo
Shenzhen Jin Yu Semicon...
2SD1005 HTSEMI-2SD1005 Datasheet
343Kb / 1P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SD1005 SECOS-2SD1005 Datasheet
78Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
logo
Renesas Technology Corp
2SD1005 RENESAS-2SD1005 Datasheet
341Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
GUANGDONG HOTTECH INDUS...
2SD1005 HOTTECH-2SD1005 Datasheet
224Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - 2SD1005

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2780 NEC-2SC2780 Datasheet
209Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
2SC3617 NEC-2SC3617 Datasheet
225Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1614 NEC-2SD1614 Datasheet
214Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1950 NEC-2SD1950 Datasheet
255Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com