Electronic Components Datasheet Search
  English  ▼

X  

PS9634 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9634 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9634 Datasheet HTML 1Page - California Eastern Labs PS9634 Datasheet HTML 2Page - California Eastern Labs PS9634 Datasheet HTML 3Page - California Eastern Labs PS9634 Datasheet HTML 4Page - California Eastern Labs PS9634 Datasheet HTML 5Page - California Eastern Labs PS9634 Datasheet HTML 6Page - California Eastern Labs PS9634 Datasheet HTML 7Page - California Eastern Labs PS9634 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
RECOMMENDED OPERATING
CONDITIONS (TA = 25°C)
PART NUMBER
PS9634,PS9634L
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
IFLH
Input ON Current
mA
6
8
10
VCC
Supply Voltage
V
5.4
15
IO1
Output Current (O1)
A
0.1
0.2
0.3
IO2
Output Current (O2)
A
0.1
0.2
0.3
TOP
Operating Temperature
°C
0
25
50
SYMBOLS
PARAMETERS
UNITS
RATINGS
Input
VR
Reverse Voltage
V
6
IF/IFM
Forward Current2
mA/A
30/1
Output
VCC
Power Voltage
V
18
IO1
Output Current (O1)
A
0.5
IO1P
Peak Output Current (O1)
A
1.0
IO2
Output Current (O2)
A
0.8
IO2P
Peak Output Current (O2)
A
2.0
VO1
Output Voltage (O1)
V
18
PO
Power Dissipation
mW
500
PT
Total Power Dissipation
mW
550
BV
Insulation Withstand Voltage3
Vr.m.s.
5000
TOP
Operating Temperature
°C
-20 to +80
TSTG
Storage Temperature
°C
-55 to +150
LED
ON
OFF
Tr. 1
ON
OFF
Tr. 2
OFF
ON
TRUTH TABLE
PIN CONNECTION (Top View)
1
2
3
4
8
7
6
5
Tr. 2
Tr. 1
Signal processing circuit
85
1
4
3.8 MAX
2.8 MIN
0.65
1.34
0.50
±0.10
1.27 MAX
7.62
6.5
10.16 MAX
4.55 MAX
0 to 15˚
8
5
1
4
1.34
±0.10
1.27
MAX
7.62
6.5
10.16 MAX
0.9
±0.25
0.05 to 0.2
3.8 MAX
2.54
9.60
±0.4
OUTLINE DIMENSIONS (Units in mm)
PS9634
PS9634L
1. Anode
2. Cathode
3. NC
4. NC
5. Output (O1)
6. Output (O2)
7. GND
8. VCC
PS9634
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Peak forward current IFM: Pulse width = 100
µs; Duty Ratio = 1%.
3. When all input pins are connected to all output pins at TA = 25
°C
and RH = 60 %.
PS9634, PS9634L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com