Electronic Components Datasheet Search
  English  ▼

X  

IRF5NJZ48 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF5NJZ48
Description  HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJZ48 Datasheet(HTML) 7 Page - International Rectifier

  IRF5NJZ48 Datasheet HTML 1Page - International Rectifier IRF5NJZ48 Datasheet HTML 2Page - International Rectifier IRF5NJZ48 Datasheet HTML 3Page - International Rectifier IRF5NJZ48 Datasheet HTML 4Page - International Rectifier IRF5NJZ48 Datasheet HTML 5Page - International Rectifier IRF5NJZ48 Datasheet HTML 6Page - International Rectifier IRF5NJZ48 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRF5NJZ48
Footnotes:
Case Outline and Dimensions — SMD-0.5
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 11/00
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
ƒ ISD ≤ 22A, di/dt ≤ 220 A/µs,
VDD ≤ 55V, TJ ≤ 150°C
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
‚ VDD = 25 V, Starting TJ = 25°C, L=0.66mH
Peak IAS = 22A, RG= 25Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com