Electronic Components Datasheet Search
  English  ▼

X  

IRF7410GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7410GPBF
Description  Ultra Low On-Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7410GPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7410GPBF Datasheet HTML 1Page - International Rectifier IRF7410GPBF Datasheet HTML 2Page - International Rectifier IRF7410GPBF Datasheet HTML 3Page - International Rectifier IRF7410GPBF Datasheet HTML 4Page - International Rectifier IRF7410GPBF Datasheet HTML 5Page - International Rectifier IRF7410GPBF Datasheet HTML 6Page - International Rectifier IRF7410GPBF Datasheet HTML 7Page - International Rectifier IRF7410GPBF Datasheet HTML 8Page - International Rectifier IRF7410GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7410GPbF
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
ƒ Surface mounted on 1 in square Cu board, t ≤ 10sec.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.006
–––
V/°C
–––
–––
7
–––
–––
9
–––
–––
13
VGS(th)
Gate Threshold Voltage
-0.4
–––
-0.9
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-3.09
–––
mV/°C
gfs
Forward Transconductance
55
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-25
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
Qg
Total Gate Charge
–––
91
Qgs
Gate-to-Source Charge
–––
18
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
25
td(on)
Turn-On Delay Time
–––
13
20
tr
Rise Time
–––
12
18
td(off)
Turn-Off Delay Time
–––
271
407
tf
Fall Time
–––
200
300
Ciss
Input Capacitance
–––
8676
–––
Coss
Output Capacitance
–––
2344
–––
Crss
Reverse Transfer Capacitance
–––
1604
–––
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
97
145
ns
TJ = 25°C
IF = -2.5A
Qrr
Reverse Recovery Charge
–––
134
201
µC di/dt = -100A/µs d
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
–––
–––
-2.5
-65
ns
pF
A
VGS = -2.5V, ID = -13.6A d
VGS = -1.8V, ID = -11.5A d
VDS = VGS, ID = -250µA
m
Ω
µA
nA
nC
VDS = -10V, ID = -16A
ID = -16A
VGS = -8V
VGS = 8V
MOSFET symbol
showing the
VDS =-9.6V
Conditions
RG = 6Ω d
VGS = 0V
VDS = -10V
ƒ = 1.0 MHz
TJ = 25°C, IS = -2.5A, VGS = 0V d
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -4.5V, ID = -16A d
VDS = -9.6V, VGS = 0V
VDS = -9.6V, VGS = 0V, TJ = 70°C
ID =-1.0A
RD = 6Ω
VGS = -4.5V d
VDD = -6V VGS = -4.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com