Electronic Components Datasheet Search
  English  ▼

X  

MR3501 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MR3501
Description  AUTOMOTIVE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MR3501 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MR3501 Datasheet HTML 1Page - EIC discrete Semiconductors MR3501 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MR3500 - MR3510
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 35 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight :
1.8 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherw ise specified.
Single phase, half w ave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
MR
3500
MR
3501
MR
3502
MR
3504
MR
3506
MR
3508
MR
3510
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current Tc = 150
°C
IF(AV)
35
Amps.
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
IFSM
400
Amps.
Maximum Forward Voltage at IF = 35 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Thermal Resistance (Note 1)
R
θJC
1.0
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Marking Code
Note : (1) Thermal resistance from junction to case. Single side cooled.
UPDATE : OCTOBER 19, 2000
RATING
Dimensions in inches and ( millimeter )
0.342 (8.69)
0.332 (8.43)
0.175 (4.45)
0.165 (4.19)
0.246 (6.25)
0.234 (5.94)
0.222 (5.64)
0.218 (5.54)
5
° NOM


Similar Part No. - MR3501

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MR3501 NJSEMI-MR3501 Datasheet
146Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3501 EIC-MR3501 Datasheet
80Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
MR3501L EIC-MR3501L Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
MR3501L EIC-MR3501L Datasheet
91Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
MR3501L NJSEMI-MR3501L Datasheet
138Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR3501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
AR2500L NJSEMI-AR2500L Datasheet
82Kb / 1P
AUTOMOTIVE RECTIFIER DIODES
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com